Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACM Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F107ACM
Description  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACM Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F107ACM Datasheet HTML 45Page - Renesas Technology Corp R5F107ACM Datasheet HTML 46Page - Renesas Technology Corp R5F107ACM Datasheet HTML 47Page - Renesas Technology Corp R5F107ACM Datasheet HTML 48Page - Renesas Technology Corp R5F107ACM Datasheet HTML 49Page - Renesas Technology Corp R5F107ACM Datasheet HTML 50Page - Renesas Technology Corp R5F107ACM Datasheet HTML 51Page - Renesas Technology Corp R5F107ACM Datasheet HTML 52Page - Renesas Technology Corp R5F107ACM Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 49 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(2) When reference voltage (+) = AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (
) =
AVREFM/ANI1 (ADREFM = 1), target pin: ANI16 to ANI19
(TA =
40 to +105C, 2.7 V  AVREFP  VDD  5.5 V, VSS = 0 V, Reference voltage (+) = AVREFP, Reference
voltage (
) = AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall error
Note 1
AINL
10-bit resolution
AVREFP = VDD
Notes 3
1.2
5.0
LSB
Conversion time
tCONV
10-bit resolution
Target ANI pin : ANI16 to ANI19
3.6 V
 VDD  5.5 V
2.125
39
s
2.7 V
 VDD  5.5 V
3.1875
39
s
Zero-scale error
Notes 1, 2
EZS
10-bit resolution
AVREFP = VDD
Notes 3
0.35
%FSR
Full-scale error
Notes 1, 2
EFS
10-bit resolution
AVREFP = VDD
Notes 3
0.35
%FSR
Integral linearity error
Note
1
ILE
10-bit resolution
AVREFP = VDD
Notes 3
3.5
LSB
Differential linearity
error
Note 1
DLE
10-bit resolution
AVREFP = VDD
Notes 3
2.0
LSB
Analog input voltage
VAIN
ANI16 to ANI19
0
AVREFP
and VDD
V
Notes 1. Excludes quantization error (
1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
3. When AVREFP < VDD, the MAX. values are as follows.
Overall error: Add
1.0 LSB to the MAX. value when AVREFP = VDD.
Zero-scale error/Full-scale error: Add
0.05%FSR to the MAX. value when AVREFP = VDD.
Integral linearity error/Differential linearity error: Add
0.5 LSB to the MAX. value when AVREFP = VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com