Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F107ACM
Description  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F107ACM Datasheet HTML 3Page - Renesas Technology Corp R5F107ACM Datasheet HTML 4Page - Renesas Technology Corp R5F107ACM Datasheet HTML 5Page - Renesas Technology Corp R5F107ACM Datasheet HTML 6Page - Renesas Technology Corp R5F107ACM Datasheet HTML 7Page - Renesas Technology Corp R5F107ACM Datasheet HTML 8Page - Renesas Technology Corp R5F107ACM Datasheet HTML 9Page - Renesas Technology Corp R5F107ACM Datasheet HTML 10Page - Renesas Technology Corp R5F107ACM Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 7 of 105
Under development
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
1.4 Pin Identification
ANI0 to ANI2,
ANI4 to ANI7,
ANI16 to ANI19:
Analog Input
AVREFM:
Analog Reference Voltage Minus
AVREFP:
Analog Reference Voltage Plus
CMP0P to CMP5P: Comparator Analog Input
CMPCOM:
Comparator External Reference
Voltage
EXCLK:
External Clock Input (Main System
Clock)
EXCLKS:
External Clock Input (Subsystem
Clock)
INTP0, INTP3,
INTP4, INTP9,
INTP10, INTP11,
INTP20 to INTP23:
Interrupt Request from Peripheral
P02, P03,
P05, P06:
Port 0
P10 to P12:
Port 1
P20 to P22,
P24 to P27:
Port 2
P30, P31:
Port 3
P40:
Port 4
P75 to P77:
Port 7
P120 to P124:
Port 12
P137:
Port 13
P147:
Port 14
P200 to P206:
Port 20
REGC:
Regulator Capacitance
RESET:
Reset
RTC1HZ:
Real-time Clock Correction Clock
(1 Hz) Output
RxD0, RxD1,
DALIRxD4:
Receive Data
SCK00:
Serial Clock Input/Output
SCLA0:
Serial Clock Input/Output
SDAA0:
Serial Data Input/Output
SI00:
Serial Data Input
SO00:
Serial Data Output
TI03, TI05, TI06,
TI07:
Timer Input
TO03, TO05, TO06,
TKBO00, TKBO01 to
TKBO20, TKBO21,
TKCO00 to TKCO05: Timer Output
TOOL0:
Data Input/Output for Tool
TxRx4:
Serial Data Input/Output for Single
Wired UART
TxD0, TxD1
DALITxD4:
Transmit Data
VDD:
Power Supply
VSS:
Ground
X1, X2:
Crystal Oscillator (Main System Clock)
XT1, XT2:
Crystal Oscillator (Subsystem Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com