Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACM Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F107ACM
Description  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACM Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F107ACM Datasheet HTML 17Page - Renesas Technology Corp R5F107ACM Datasheet HTML 18Page - Renesas Technology Corp R5F107ACM Datasheet HTML 19Page - Renesas Technology Corp R5F107ACM Datasheet HTML 20Page - Renesas Technology Corp R5F107ACM Datasheet HTML 21Page - Renesas Technology Corp R5F107ACM Datasheet HTML 22Page - Renesas Technology Corp R5F107ACM Datasheet HTML 23Page - Renesas Technology Corp R5F107ACM Datasheet HTML 24Page - Renesas Technology Corp R5F107ACM Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 21 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(TA =
40 to +105C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage,
high
VIH1
P02, P03, P05, P06, P10 to P12,
P20 to P22, P24 to P27, P30, P31,
P40, P75 to P77, P120 to P124, P137,
P147, P200 to P206, EXCLK,
EXCLKS, RESET
Normal input buffer
0.8VDD
VDD
V
VIH2
P03, P10, P11
TTL input buffer
4.0 V
 VDD  5.5 V
2.1
VDD
V
TTL input buffer
3.3 V
 VDD  4.0 V
2.0
VDD
V
TTL input buffer
2.7 V
 VDD  3.3 V
1.5
VDD
V
Input voltage, low VIL1
P02, P03, P05, P06, P10 to P12,
P20 to P22, P24 to P27, P30, P31,
P40, P75 to P77, P120 to P124, P137,
P147, P200 to P206, EXCLK,
EXCLKS, RESET
Normal input buffer
0
0.2VDD
V
VIL2
P03, P10, P11
TTL input buffer
4.0 V
 VDD  5.5 V
0
0.8
V
TTL input buffer
3.3 V
 VDD  4.0 V
0
0.5
V
TTL input buffer
2.7 V
 VDD  3.3 V
0
0.32
V
Caution The maximum value of VIH of pins P02, P10 to P12 is VDD, even in the N-ch open-drain mode.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com