Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9081 Datasheet(PDF) 91 Page - Cirrus Logic

Part # WM9081
Description  Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9081 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button WM9081 Datasheet HTML 87Page - Cirrus Logic WM9081 Datasheet HTML 88Page - Cirrus Logic WM9081 Datasheet HTML 89Page - Cirrus Logic WM9081 Datasheet HTML 90Page - Cirrus Logic WM9081 Datasheet HTML 91Page - Cirrus Logic WM9081 Datasheet HTML 92Page - Cirrus Logic WM9081 Datasheet HTML 93Page - Cirrus Logic WM9081 Datasheet HTML 94Page - Cirrus Logic WM9081 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
WM9081
Rev 4.0
91
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0
EQ_ENA
0
EQ Enable
0 = Disabled
1 = Enabled
ReTune
Mobile
Parametric
Equalizer
(EQ)
Power
Management
Register 2Ah EQ 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R43 (2Bh)
EQ 2
15:11
EQ_B4_GAIN[4:
0]
0_0000
EQ Band 4 Gain
00000 = -12dB
00001 = -11dB
….
11000 = +12dB
ReTune
Mobile
Parametric
Equalizer
(EQ)
10:6
EQ_B5_GAIN[4:
0]
0_0000
EQ Band 5 Gain
00000 = -12dB
00001 = -11dB
….
11000 = +12dB
ReTune
Mobile
Parametric
Equalizer
(EQ)
Register 2Bh EQ 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R44 (2Ch)
EQ 3
15:0
EQ_B1_A[15:0]
0000_1111
_1100_101
0
5 Band EQ Band 1 coefficient A
ReTune
Mobile
Parametric
Equalizer
(EQ)
Register 2Ch EQ 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R45 (2Dh)
EQ 4
15:0
EQ_B1_B[15:0]
0000_0100
_0000_000
0
5 Band EQ Band 1 coefficient B
ReTune
Mobile
Parametric
Equalizer
(EQ)
Register 2Dh EQ 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R46 (2Eh)
EQ 5
15:0
EQ_B1_PG[15:0
]
0000_0000
_1011_100
0
5 Band EQ Band 1 coefficient PG
ReTune
Mobile
Parametric
Equalizer
(EQ)
Register 2Eh EQ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com