Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9081 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM9081
Description  Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9081 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM9081 Datasheet HTML 35Page - Cirrus Logic WM9081 Datasheet HTML 36Page - Cirrus Logic WM9081 Datasheet HTML 37Page - Cirrus Logic WM9081 Datasheet HTML 38Page - Cirrus Logic WM9081 Datasheet HTML 39Page - Cirrus Logic WM9081 Datasheet HTML 40Page - Cirrus Logic WM9081 Datasheet HTML 41Page - Cirrus Logic WM9081 Datasheet HTML 42Page - Cirrus Logic WM9081 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
WM9081
Rev 4.0
39
EQ FILTER CHARACTERISTICS
The filter characteristics for each frequency band are shown in Figure 26 to Figure 30. These figures
show the frequency response for all available gain settings, using default cut-off/centre frequencies
and bandwidth.
-15
-10
-5
0
5
10
15
1
10
100
1000
10000
100000
Frequency (Hz)
-15
-10
-5
0
5
10
15
1
10
100
1000
10000
100000
Frequency (Hz)
Figure 26 EQ Band 1
– Low Freq Shelf Filter Response
Figure 27 EQ Band 2
– Peak Filter Response
-15
-10
-5
0
5
10
15
1
10
100
1000
10000
100000
Frequency (Hz)
-15
-10
-5
0
5
10
15
1
10
100
1000
10000
100000
Frequency (Hz)
Figure 28 EQ Band 3
– Peak Filter Response
Figure 29 EQ Band 4
– Peak Filter Response
-15
-10
-5
0
5
10
15
1
10
100
1000
10000
100000
Frequency (Hz)
Figure 30 EQ Band 5
– High Freq Shelf Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com