Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9081 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM9081
Description  Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9081 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM9081 Datasheet HTML 7Page - Cirrus Logic WM9081 Datasheet HTML 8Page - Cirrus Logic WM9081 Datasheet HTML 9Page - Cirrus Logic WM9081 Datasheet HTML 10Page - Cirrus Logic WM9081 Datasheet HTML 11Page - Cirrus Logic WM9081 Datasheet HTML 12Page - Cirrus Logic WM9081 Datasheet HTML 13Page - Cirrus Logic WM9081 Datasheet HTML 14Page - Cirrus Logic WM9081 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
WM9081
Rev 4.0
11
TYPICAL PERFORMANCE DATA
Typical speaker driver THD+N performance is shown below for both 8
Ω and 4Ω loads in Class D mode. Curves are shown for four
typical SPKVDD supply voltage and gain combinations.
SPEAKER CLASS D INTO 4Ω + 10
H
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Blue
Solid
2
Anlr.THD+N Ratio
Left
SPKVDD = 5.0V, AVDD = 3.3V, DCGAIN = ACGAIN = 3.6dB
2
1
Green
Solid
2
Anlr.THD+N Ratio
Left
SPKVDD = 4.2V, AVDD = 3.3V, DCGAIN = ACGAIN = 2.1dB
3
1
Magenta
Solid
2
Anlr.THD+N Ratio
Left
SPKVDD = 3.7V, AVDD = 3.0V, DCGAIN = ACGAIN = 2.1dB
4
1
Red
Solid
2
Anlr.THD+N Ratio
Left
SPKVDD = 3.3V, AVDD = 3.3V, DCGAIN = ACGAIN = 0dB
Device: WM9081 MMC=WPF
Input Signal: 1KHz; 0dBFS; 24-bit; 256fs (fs=48kHz)
Output Path: SPK Class D
Supplies: DBVDD=DCVDD=3.3V
BW Filter: 22Hz to 20kHz AES17
Additional Filtering: none
Load = 4R1 + 10uH
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
0
2.5
100m
200m
300m
400m
500m
600m
700m
800m
.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
W
SPEAKER CLASS D INTO 8Ω + 10
H
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Blue
Solid
2
Anlr.THD+N Ratio
Left
SPKVDD = 5.0V, AVDD = 3.3V, DCGAIN = ACGAIN = 3.6dB
2
1
Green
Solid
2
Anlr.THD+N Ratio
Left
SPKVDD = 4.2V, AVDD = 3.3V, DCGAIN = ACGAIN = 2.1dB
3
1
Magenta
Solid
2
Anlr.THD+N Ratio
Left
SPKVDD = 3.7V, AVDD = 3.0V, DCGAIN = ACGAIN = 2.1dB
4
1
Red
Solid
2
Anlr.THD+N Ratio
Left
SPKVDD = 3.3V, AVDD = 3.3V, DCGAIN = ACGAIN = 0dB
Device: WM9081 MMC=WPF
Input Signal: 1KHz; 0dBFS; 24-bit; 256fs (fs=48kHz)
Output Path: SPK Class D
Supplies: DBVDD=DCVDD=3.3V
BW Filter: 22Hz to 20kHz AES17
Additional Filtering: none
Load = 8R2 + 10uH
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
0
2.5
100m
200m
300m
400m
500m
600m
700m
800m
.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com