Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9081 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM9081
Description  Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9081 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM9081 Datasheet HTML 17Page - Cirrus Logic WM9081 Datasheet HTML 18Page - Cirrus Logic WM9081 Datasheet HTML 19Page - Cirrus Logic WM9081 Datasheet HTML 20Page - Cirrus Logic WM9081 Datasheet HTML 21Page - Cirrus Logic WM9081 Datasheet HTML 22Page - Cirrus Logic WM9081 Datasheet HTML 23Page - Cirrus Logic WM9081 Datasheet HTML 24Page - Cirrus Logic WM9081 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
WM9081
Rev 4.0
21
The WM9081 supports the following read and write operations:
Single write
Single read
Multiple write using auto-increment
Multiple read using auto-increment
The sequence of signals associated with a single register write operation is illustrated in Figure 11.
A1
D6
D0
A7
SDIN
SCLK
device address
data bits B15 – B8
A0
B15
B8
B1
B0
Note: The SDIN pin is used as input for the control register address and data; SDIN is
pulled low by the receiving device to provide the acknowledge (ACK) response
R/W
B9
B7
register address
data bits B7 – B0
START
Write
ACK
ACK
ACK
STOP
ACK
Figure 11 Control Interface 2-wire Register Write
The sequence of signals associated with a single register read operation is illustrated in Figure 12.
A1
D6
D0
A7
SDIN
SCLK
device address
device address
A0
D6
B9
B8
Note: The SDIN pin is driven by both the master and slave devices in turn to transfer device address, register address, data and ACK responses
R/W
D0
B15
register address
data bits B15 – B8
START
Write
ACK
ACK
ACK
R/W
Read
B1
B0
B7
data bits B15 – B8
ACK
STOP
ACK
Rpt
START
Figure 12 Control Interface 2-wire Register Read
The Control Interface also supports other register operations, as listed above. The interface protocol
for these operations is summarised below. The terminology used in the following figures is detailed in
Table 4.
Note that, for multiple write and multiple read operations, the auto-increment option must be enabled.
This feature is enabled by default; it is described in Table 5 below.
TERMINOLOGY
DESCRIPTION
S
Start Condition
Sr
Repeated start
A
Acknowledge
P
Stop Condition
R/ W
¯¯
0 = Write
1 = Read
[White field]
Data flow from bus master to WM9081
[Grey field]
Data flow from WM9081 to bus master
Table 4 Control Interface Terminology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com