Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM151X2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LM151X2
Description  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 Datasheet(HTML) 1 Page - NXP Semiconductors

  LM151X2 Datasheet HTML 1Page - NXP Semiconductors LM151X2 Datasheet HTML 2Page - NXP Semiconductors LM151X2 Datasheet HTML 3Page - NXP Semiconductors LM151X2 Datasheet HTML 4Page - NXP Semiconductors LM151X2 Datasheet HTML 5Page - NXP Semiconductors LM151X2 Datasheet HTML 6Page - NXP Semiconductors LM151X2 Datasheet HTML 7Page - NXP Semiconductors LM151X2 Datasheet HTML 8Page - NXP Semiconductors LM151X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 1/25
LM151X2
Liquid Crystal Display
Product Specification
SPECIFICATION
For
APPROVAL
(
♦ ) Preliminary Specification
( ) Final Specification
Title
15.1” XGA TFT LCD
BUYER NAME
SUPPLIER
LG Philips LCD
MODEL NAME
MODEL NAME
LM151X2
SIGNATURE
/
DATE
APPROVED BY
/G.Manager
DATE
/
REVIEWED BY
/S.Engineer
/
PREPARED BY
/S.Engineer
Please return 1 copy for our confirmation
with your signature and comments.
Product Engineering Dept.
LG Philips LCD
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2


Similar Part No. - LM151X2

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM151 SEOUL-LM151 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM151 SEOUL-LM151 Datasheet
360Kb / 13P
CYAN LAMP LED
LM151 SEOUL-LM151 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM151 SEOUL-LM151 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM151 SEOUL-LM151 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM151X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
Liquid Crystal Display
Oct. 10, 2003
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
Liquid Crystal Display
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
LIQUID CRYSTAL DISPLAY
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
LIQUID CRYSTAL DISPLAY
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com