Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM151X2 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LM151X2
Description  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 15Page - NXP Semiconductors LM151X2 Datasheet HTML 16Page - NXP Semiconductors LM151X2 Datasheet HTML 17Page - NXP Semiconductors LM151X2 Datasheet HTML 18Page - NXP Semiconductors LM151X2 Datasheet HTML 19Page - NXP Semiconductors LM151X2 Datasheet HTML 20Page - NXP Semiconductors LM151X2 Datasheet HTML 21Page - NXP Semiconductors LM151X2 Datasheet HTML 22Page - NXP Semiconductors LM151X2 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 19/25
LM151X2
Liquid Crystal Display
Product Specification
13. Designation of Lot Mark
a) Lot Mark
A, B : DIVISION CODE
C, D, E : MODEL CODE
F : YEAR
G : MONTH
H, I, J, K, L : SERIAL NO.
Note : 1. YEAR
YEAR
89
90
91
92
93
94
95
96
97
98
99
Mark
9
0
1
2
3
4
5
6
7
8
9
2. MONTH
MONTH
Jan.
Feb.
Mar.
Apr.
May
Jun.
Jun.
Aug.
Sep.
Oct.
Nov.
Dec.
Mark
1
2
3
4
5
6
7
8
9
0
N
D
b) Location of Lot Mark
Serial NO. Is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.
14. Packing Form
a) Package quantity in one box : 8 pcs
b) Box Size : 587mm x 408mm x 378mm
Note : 1. Please, refer to appendix 3 regarding the detailed packing assembly drawing.
K
J
I
H
G
F
E
D
C
B
A
L
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com