Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM151X2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LM151X2
Description  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 12Page - NXP Semiconductors LM151X2 Datasheet HTML 13Page - NXP Semiconductors LM151X2 Datasheet HTML 14Page - NXP Semiconductors LM151X2 Datasheet HTML 15Page - NXP Semiconductors LM151X2 Datasheet HTML 16Page - NXP Semiconductors LM151X2 Datasheet HTML 17Page - NXP Semiconductors LM151X2 Datasheet HTML 18Page - NXP Semiconductors LM151X2 Datasheet HTML 19Page - NXP Semiconductors LM151X2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 16/25
LM151X2
Liquid Crystal Display
Product Specification
11. Environmental Specifications
No
Test ITEM
Conditions
1
Temperature
Operating
Non-operating
0
~ 50
-20
~ 60
2
Humidity
Operating
Non-operating
20% ~ 80% RH (non-condensing)
5% ~ 95% RH
(38.7
maximum wet bulb temperature)
3
Altitude
Operating : 12,000ft
Storage : 40,000ft
4
Vibration test
(non-operating)
Waveform : Random
Vibration level : 1.0G RMS
Bandwidth : 10~200Hz
Duration : X, Y, Z, 20 min
one time each direction
5
Shock test
(non-operating)
Shock level : 100G
Waveform: half sine wave, 2ms
Direction : ±X, ±Y, ±Z
one time each direction
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com