Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM151X2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LM151X2
Description  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 6Page - NXP Semiconductors LM151X2 Datasheet HTML 7Page - NXP Semiconductors LM151X2 Datasheet HTML 8Page - NXP Semiconductors LM151X2 Datasheet HTML 9Page - NXP Semiconductors LM151X2 Datasheet HTML 10Page - NXP Semiconductors LM151X2 Datasheet HTML 11Page - NXP Semiconductors LM151X2 Datasheet HTML 12Page - NXP Semiconductors LM151X2 Datasheet HTML 13Page - NXP Semiconductors LM151X2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 10/25
LM151X2
Liquid Crystal Display
Product Specification
5. Interface Connections
This LCD employs three interface connections, a 41 pin connector is used for the module electronics and two
connectors, a three pin connector, are used for the integral backlight system.
The electronics interface connector is a model DF9B-41P-1V manufactured by Hirose. The pin configuration
for the connector is shown in the table below.
Table 3 MODULE CONNECTOR PIN CONFIGURATION
Pin
Symbol
Description
Pin
Symbol
Description
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
GND
GND
Vsync
GND
R0
R2
R3
R5
GND
G0
G2
G3
G5
GND
B0
B2
B3
B5
DE
VDD
VDD
System Ground. Note 1
System Ground
Vsync. Vertical Sync Signal
System Ground
Red data 0 (LSB)
Red data 2
Red data 3
Red data 5 (MSB)
System Ground
Green data 0 (LSB)
Green data 2
Green data 3
Green data 5 (MSB)
System Ground
Blue data 0 (LSB)
Blue data 2
Blue data 3
Blue data 5 (MSB)
Data Enable Signal
Power Supply for LCD Module
Power Supply for LCD Module
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
DCLK
Hsync
GND
GND
R1
GND
R4
GND
GND
G1
GND
G4
GND
GND
B1
GND
B4
GND
VDD
VDD
Data Input Clock
Hsync. Horizontal Sync Signal
System Ground
System Ground
Red data 1
System Ground
Red data 4
System Ground
System Ground
Green data 1
System Ground
Green data 4
System Ground
System Ground
Blue data 1
System Ground
Blue data 4
System Ground
Power Supply for LCD Module
Power Supply for LCD Module
Notes: 1. All GND(ground) pins should be connected together and to Vss which should also be connected
to the LCD’s metal frame.
2. All VDD(power input) pins should be connected together.
The backlight interface connector is a model BHR-03VS-1, manufactured by JST. The mating connector
part number is SM02(8.0)B-BHS-1-TB or equivalent. The pin configuration for the connector is shown in
the table below.
Table 4 BACKLIGHT CONNECTOR PIN CONFIGURATION
Pin
Symbol
Description
Notes
1
2
3
HV
NC
LV
Lamp power input
No connect
Ground
1
2
Notes: 1. The input power terminal is colored pink. Ground pin color is light pink.
2. The backlight ground should be common with Vss.
TOP SIDE
Back SIDE OF LCM
BOTTOM SIDE
PIN 41
PIN 40
PIN 1
PIN 2
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com