Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM151X2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LM151X2
Description  Liquid Crystal Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 7Page - NXP Semiconductors LM151X2 Datasheet HTML 8Page - NXP Semiconductors LM151X2 Datasheet HTML 9Page - NXP Semiconductors LM151X2 Datasheet HTML 10Page - NXP Semiconductors LM151X2 Datasheet HTML 11Page - NXP Semiconductors LM151X2 Datasheet HTML 12Page - NXP Semiconductors LM151X2 Datasheet HTML 13Page - NXP Semiconductors LM151X2 Datasheet HTML 14Page - NXP Semiconductors LM151X2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 11/25
LM151X2
Liquid Crystal Display
Product Specification
6. Signal Timing Specifications
Value
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Main
Clock
Frequency
High duration
Low duration
Rise Time
Fall Time
fCLK(=1/tCLK)
twcH
twcL
trCLK
tfCLK
63.0
0.45 tCLK
0.45 tCLK
-
-
65.0
0.5 tCLK
0.5 tCLK
-
-
70.0
0.55 tCLK
0.55 tCLK
8
8
MHz
ns
ns
ns
ns
Data
(RGB data
including
sync)
Set-up duration
Hold duration
tSD
tHD
5.0
5.0
-
-
-
-
ns
ns
for fCLK
for fCLK
note 1
Hsync
Period
Pulse Width
tHP
tWH
16.5
1056
8
20.7
1344
136
-
1520
-
clock
clock
Vsync
Period
Pulse Width
tVP
tWV
-
777
1
16.7
806
6
-
858
-
msec
lines
lines
Data
Enable
Set-up duration
Hold duration
Horizontal Back Porch
Horizontal Active
Horizontal Front porch
Vertical Back Porch
Vertical Active
Vertical Front porch
tSI
tHI
tHBP
tHFP
tVBP
tVFP
5.0
5.0
8
1024
8
5
768
1
-
-
160
1024
24
29
768
3
-
-
-
-
-
-
-
-
ns
ns
clock
clock
clock
lines
lines
lines
for fCLK
for fCLK
Hsync- Clock phase difference
tHC
tCLK-10
-
twcL
ns
Hsync-Vsync phase difference
tHV
-
-
tHP-tWH
ns
Notes: 1. All data input shall be latched at falling edge of data clock.
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com