Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PALCE29MA16 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 3 Page - Advanced Micro Devices

  PALCE29MA16 Datasheet HTML 1Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 2Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 3Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 4Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 5Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 6Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 7Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 8Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AMD
2-351
PALCE29MA16H-25 (Com’l)
ORDERING INFORMATION
Commercial Products
TECHNOLOGY
CE = CMOS Electrically Erasable
FAMILY TYPE
PAL = Programmable Array Logic
Valid Combinations
AMD programmable logic products for commercial applications are available with several ordering options. The order number
(Valid Combination) is formed by a combination of these elements:
Valid Combinations
Valid Combinations lists configurations planned to
be supported in volume for this device. Consult the
local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
PAL CE 29 MA 16 H -25
C /4
OUTPUT TYPE
MA = Advanced Asynchronous Macrocell
NUMBER OF FLIP-FLOPS
PACKAGE TYPE
P = 24-Pin Plastic SKINNYDIP
(PD3024)
J = 28-Pin Plastic Leaded Chip
Carrier (PL 028)
TEMPERATURE RANGE
C = Commercial (0
°C to +75°C)
SPEED
-25 = 25 ns
POWER
H = Half Power (100 mA)
NUMBER OF ARRAY INPUTS
P
PROGRAMMING REVISION
/4 = First Revision
(Requires current
programming Algorithm)
OPTIONAL PROCESSING
Blank = Standard Processing
PALCE29MA16H-25
PC, JC
/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com