Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PALCE29MA16 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 4 Page - Advanced Micro Devices

  PALCE29MA16 Datasheet HTML 1Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 2Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 3Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 4Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 5Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 6Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 7Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 8Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AMD
2-352
PALCE29MA16H-25
FUNCTIONAL DESCRIPTION
Inputs
The PALCE29MA16 has 29 inputs to drive each product
term (up to 58 inputs with both TRUE and complement
versions available to the AND array) as shown in the
block diagram in Figure 1. Of these 29 inputs, 4 are
dedicated inputs, 16 are from eight I/O logic macrocells
with two feedbacks, 8 are from other I/O logic macro-
cells with single feedback and one is the I/
OE input.
Initially the AND-array gates are disconnected from all
the inputs. This condition represents a logical TRUE for
the AND array. By selectively programming the EE cells,
the AND array may be connected to either the TRUE in-
put or the complement input. When both the TRUE and
complement inputs are connected, a logical FALSE re-
sults at the output of the AND gate.
Product Terms
The degree of programmability and complexity of a PAL
device is determined by the number of connections that
form the programmable-AND and OR gates. Each pro-
grammable-AND gate is called a product term. The
PALCE29MA16 has 178 product terms; 112 of these
product terms provide logic capability and others are ar-
chitectural product terms. Among the control product
terms, one is for Observability, and one is for Preload.
The Output Enable of each macrocell can be pro-
grammed to be controlled by a common Output Enable
pin or an individual product term. It may also be perma-
nently disabled. In addition, independent product terms
for each macrocell control Preset, Reset and CLK/
LE.
Each product term on the PALCE29MA16 consists of a
58-input AND gate. The outputs of these AND gates are
connected to a fixed-OR plane. Product terms are allo-
cated to OR gates in a varied distribution across the
device ranging from 4 to 12 wide, with an average of 7
logic product terms per output. An increased number of
product terms per output allows more complex functions
to be implemented in a single PAL device. This flexibility
aids in implementing functions such as counters, exclu-
sive-OR functions, or complex state machines, where
different states require different numbers of product
terms.
Individual asynchronous-Preset and Reset product
terms are connected to all Registered or Latched I/Os.
When the asynchronous-Preset product term is as-
serted (HIGH) the register or latch will immediately be
loaded with a HIGH, independent of the clock. When the
asynchronous-Reset product term is asserted (HIGH)
the register or latch will be immediately loaded with a
LOW, independent of the clock. The actual output state
will depend on the macrocell polarity selection. The
latches must be in latched mode (not transparent mode)
for the Reset, Preset, Preload, and power-up Reset
modes to be meaningful.
Input/Output Logic Macrocells
The I/O logic macrocell allows the user the flexibility of
defining the architecture of each input or output on an in-
dividual basis. It also provides the capability of using the
associated pin either as an input or an output.
The PALCE29MA16 has 16 macrocells, one for each
I/O pin. Each I/O macrocell can be programmed for
combinatorial, registered or latched operation (see Fig-
ure 2). Combinatorial output is desired when the PAL
device is used to replace combinatorial glue logic. Reg-
isters and Latches are used in synchronous logic
applications. Registers and Latches with product term
controlled clocks can also be used in asychronous
application.
1
0
Preset
Reset
S2
S3
1 1
1 0
0 1
0 0
S4
S5
Common I/
OE (Pin)
Individual OE
Individual Asynchronous Preset
P0
P7 or P11
Common CLK/
LE (PIN)
Individual CLK/
LE
Individual Asynchronous Reset
To AND Array
I/O
S6
S7
VCC
S0
S1
D
Q
0 1
1 1
1 0
0 0
1 1
0 1
1 0
0 0
Q
CLK/
LE
1
0
S8
X
RX
08811G-4
Figure 2a. PALCE29MA16 Macrocell (Single Feedback)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com