Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-8521 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S-8521
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S-8521 Datasheet HTML 30Page - Seiko Instruments Inc S-8521 Datasheet HTML 31Page - Seiko Instruments Inc S-8521 Datasheet HTML 32Page - Seiko Instruments Inc S-8521 Datasheet HTML 33Page - Seiko Instruments Inc S-8521 Datasheet HTML 34Page - Seiko Instruments Inc S-8521 Datasheet HTML 35Page - Seiko Instruments Inc S-8521 Datasheet HTML 36Page - Seiko Instruments Inc S-8521 Datasheet HTML 37Page - Seiko Instruments Inc S-8521 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
34
Table 12 External parts for Ripple data
Product name
Output voltage
Inductor
Transistor
Rb
Cb
Diode
Output capacitor
S-8520D30MC
3.0 V
CD105 / 47
μH
2SA1213
680
Ω
2200 pF
MA720
47
μF × 2
S-8521D30MC
S-8520B30MC
22
μF × 2
S-8521B30MC
S-8520F33MC
3.3 V
CDH113 / 22
μH
IRF7606
−
−
MA737
22
μF
S-8521F33MC
−
−
S-8520D50MC
5.0 V
CD105 / 47
μH
2SA1213
680
Ω
2200 pF
MA720
47
μF × 2
S-8521D50MC
S-8520B50MC
22
μF × 2
S-8521B50MC
S-8520F50MC
CDH113 / 22
μH
IRF7606
−
−
MA737
22
μF
S-8521F50MC
−
−
Table 13 Performance Data
Component
Product name
Manufacturer name
“L” value DC resistance
Maximum
allowable
current
Diameter
Height
Inductor
CD54
Sumida Corporation
47
μH
0.37
Ω
0.72 A
5.8 mm
4.5 mm
CD105
0.17
Ω
1.28 A
10.0 mm
5.4 mm
CDH113
22
μH
0.09
Ω
1.44 A
11.0 mm
3.7 mm
D62F
Toko Ink.
0.25
Ω
0.70 A
6.0 mm
2.7 mm
Diode
MA720
Matsushita Electric
Industrial Co., Ltd.
Forward current 500 mA (at VF = 0.55 V)
MA737
Forward current 1.5 A (at VF = 0.5 V)
Output capacity
F93
Nichicon Corporation
−
TE
Matsushita Electric
Industrial Co., Ltd.
−
External transistor
(Bipolar PNP)
2SA1213
Toshiba Corporation
VCEO: 50 V max., IC:
−2 A max., hFE: 120 to 240,
SOT-89-3 package
External transistor
(MOS FET)
TM6201
Toyota Industries
Corporation
VGS: 12 V max., ID:
−2 A max., Vth: -0.7 V min.,
Ciss: 320 pF typ., Ron: 0.25
Ω max. (VGS = −4.5 V),
SOT-89-3 package
IRF7606
International Rectifier
Corporation
VGS: 20 V max., ID:
−2.4 A max., Vth: −1 V min.,
Ciss: 470 pF typ., Ron: 0.15
Ω max. (VGS = −4.5 V),
Micro 8 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com