Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-8521 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8521
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8521 Datasheet HTML 1Page - Seiko Instruments Inc S-8521 Datasheet HTML 2Page - Seiko Instruments Inc S-8521 Datasheet HTML 3Page - Seiko Instruments Inc S-8521 Datasheet HTML 4Page - Seiko Instruments Inc S-8521 Datasheet HTML 5Page - Seiko Instruments Inc S-8521 Datasheet HTML 6Page - Seiko Instruments Inc S-8521 Datasheet HTML 7Page - Seiko Instruments Inc S-8521 Datasheet HTML 8Page - Seiko Instruments Inc S-8521 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
4
Product Name Structure
The control types, product types, and output voltage for the S-8520/8521 Series can be selected at the user’s request.
Please refer to the “1. Product name” for the definition of the product name, “2. Package” regarding the package
drawings and “3. Product name list” for the full product names.
1. Product name
S-852
x
x
xx
MC
− xxx T2 x
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
MC : SOT-23-5
Output voltage
15 to 60
(W hen the output voltage is 1.5 V, it is expressed as 15.)
Product type
A: Oscillation frequency of 180 kHz,
W ith overload protection circuit
B:
Oscillation frequency of 180 kHz,
W ithout overload protection circuit
C:
Oscillation frequency of 60 kHz,
W ith overload protection circuit
D:
Oscillation frequency of 60 kHz,
W ithout overload protection circuit
E: Oscillation frequency of 300 kHz,
W ith overload protection circuit
F:
Oscillation frequency of 300 kHz,
W ithout overload protection circuit
Control system
0: PW M control
1: PW M / PFM switching control
*1. Refer to the tape specifications.
*2. Refer to “3. Product name list”.
2. Package
Package Name
Drawing code
Package
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com