Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-8521 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-8521
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-8521 Datasheet HTML 13Page - Seiko Instruments Inc S-8521 Datasheet HTML 14Page - Seiko Instruments Inc S-8521 Datasheet HTML 15Page - Seiko Instruments Inc S-8521 Datasheet HTML 16Page - Seiko Instruments Inc S-8521 Datasheet HTML 17Page - Seiko Instruments Inc S-8521 Datasheet HTML 18Page - Seiko Instruments Inc S-8521 Datasheet HTML 19Page - Seiko Instruments Inc S-8521 Datasheet HTML 20Page - Seiko Instruments Inc S-8521 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
17
1. 3 Overload protection circuit
Types are selectable the S-8520/8521 Series with the overload protection circuit (A, C and E types) or without
the overload protection circuit (B, D and F types).
By the S-8520/8521 Series with the overload protection circuit (A, C and E types), the switching components
and inductor can be protected because the overload protection circuit works and is set to the intermittent mode,
in case of overload or load short-circuit.
But in case of supplying current to load by using 100% duty cycle, select the S-8520/8521 Series without the
overload protection circuit (B, D and F types), according to the conditions of application.
The operation voltage differs in 10 V (A, B and E types) or 16 V (B, D and F types) whether the overload
protection circuit is available or not.
Table 9 shows items for selecting the type according to the requirements of application. Select it matching the
marks () for your requirement.
Table 9
Item
S-8520 Series
S-8521 Series
A
B
C
D
E
F
A
B
C
D
E
F
The need of overload protection circuit
Input voltage exceeds 10 V






Focusing on efficiency of light load status
(1 mA or less)
Using with middle load current (about 200
mA)
Using with large load current (about 1 A)
Focusing on the low ripple voltage
Focusing on downsizing external parts
Remark
: Indispensable condition
: Superiority of requirement
: Particularly superiority of requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com