Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-8521 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S-8521
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S-8521 Datasheet HTML 10Page - Seiko Instruments Inc S-8521 Datasheet HTML 11Page - Seiko Instruments Inc S-8521 Datasheet HTML 12Page - Seiko Instruments Inc S-8521 Datasheet HTML 13Page - Seiko Instruments Inc S-8521 Datasheet HTML 14Page - Seiko Instruments Inc S-8521 Datasheet HTML 15Page - Seiko Instruments Inc S-8521 Datasheet HTML 16Page - Seiko Instruments Inc S-8521 Datasheet HTML 17Page - Seiko Instruments Inc S-8521 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
14
2. Soft start function
The S-8520/8521 Series has a built-in soft start-circuit. This circuit enables the output voltage (VOUT) to rise
gradually over the specified soft start time (t), when power-on or when the ON/OFF
______
pin is at the “H” level. This
prevents the output voltage from overshooting.
However, the soft-start function of this IC is not able to perfectly prevent a rush current from flowing to the load
(Refer to Figure 8). Since this rush current depends on the input voltage and load conditions, Perform sufficient
evaluation with actual device for design.
S-8520A33MC (VIN: 0 V
→4.0 V)
t [1 ms/div]
VOUT
[1 V/div]
Rush current
[0.5 A/div]
0 A
1.5 A
3 V
0 V
Figure 8 Waveforms of output voltage and rush current at soft start
3. ON/OFF
_______
pin (Shutdown pin)
The ON/OFF
______
pin stops or starts step-up operation.
Setting the ON/OFF
______
pin to the “L” level stops operation of all the internal circuits and reduces current consumption
significantly. The EXT pin’s voltage is set to the VIN voltage level so that the switching transistor is turned off.
Do not use the ON/OFF
______
pin in a floating state because it has the structure shown in Figure 9 and is not pulled up
or pulled down internally. Do not apply a voltage of between 0.3 V and 1.8 V to the ON/OFF
______
pin because applying
such a voltage increases the current consumption. When not using the ON/OFF
______
pin, connect it to the VIN pin.
Table 8
ON/OFF
______
pin
CR Oscillation Circuit
Output voltage
“H”
Operation
Set value
“L”
Stop
VSS
VIN
VSS
ON/OFF
______
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com