Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-8521 Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S-8521
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8521 Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S-8521 Datasheet HTML 33Page - Seiko Instruments Inc S-8521 Datasheet HTML 34Page - Seiko Instruments Inc S-8521 Datasheet HTML 35Page - Seiko Instruments Inc S-8521 Datasheet HTML 36Page - Seiko Instruments Inc S-8521 Datasheet HTML 37Page - Seiko Instruments Inc S-8521 Datasheet HTML 38Page - Seiko Instruments Inc S-8521 Datasheet HTML 39Page - Seiko Instruments Inc S-8521 Datasheet HTML 40Page - Seiko Instruments Inc S-8521 Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_01
S-8520/8521 Series
37
(9) S-8521B50MC
(CD54 / 47
μH, TM6201)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 6.0 V
VIN = 9.0 V
(CD105 / 47
μH, IRF7606)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 9 V
VIN = 6 V
VIN = 14 V
(10) S-8521F50MC
(D62F / 22
μH, TM6201)
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT [mA]
VIN = 9 V
VIN = 6 V
(CDH113 / 22
μH, IRF7606)
50
60
70
80
90
100
IOUT [mA]
VIN = 14 V
VIN = 9 V
VIN = 6 V
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com