Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 143Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 144Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 145Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 146Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 147Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 148Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 149Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 150Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 151Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 150 / 151 page
background image
ST72F324L, ST72324BL
150/151
16 REVISION HISTORY
Table 30. Revision History
Date
Revision
Description of Changes
01-Oct-2003
1.0
First release.
01-Jan-2004
1.1
Changed Flash & ROM voltage range 2.85 to 3.6V in Section 12.3 on page 112
Changed OSC1 high & low level in Section 12.5.1 on page 116
Updated “EMC CHARACTERISTICS” on page 121
Changed I/O Port: VOL/VOH values in Section 12.8.2 on page 125.
Changed Reset pin: tw(RSTL)out & VOL in Section 12.9.1 on page 127.
Changed ADC Varef & Ilkg in Section 12.12 on page 132 and ADC accuracy Section 12.12.3
on page 135.
Removed SDIP42 package
01-Feb-2004
1.2
Max. values TBD in Section 12.12.3 on page 135
Removed 10pf cap. in Figure 80 on page 134
Added Section 15.1.5 on page 148
14-Jan-2004
3
Revision number incremented from 1.2 to 3 due to Internal Document Management System
change
Modified I/O VIL in Section 12.8 on page 124
Modified RON in Section 12.9.1 on page 127
Added Clearing active interrupts in Section 15.1.3 on page 148
Modified Figure 7 and note 4 in “FLASH PROGRAM MEMORY” on page 16
Added limitation on ICC entry mode with 39 pulses to “KNOWN LIMITATIONS” on page 148
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com