Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 140Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 141Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 142Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 143Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 144Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 145Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 146Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 147Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 151 page
background image
ST72F324L, ST72324BL
144/151
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.2.1 Version-Specific Sales Conditions
To satisfy the different customer requirements and
to ensure that ST Standard Microcontrollers will
consistently meet or exceed the expectations of
each Market Segment, the Codification System for
Standard Microcontrollers clearly distinguishes
products intended for use in automotive environ-
ments, from products intended for use in non-auto-
motive environments.
It is the responsibility of the Customer to select the
appropriate product for his application.
14.3 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
➟ http//:mcu.st.com.
Tools from these manufacturers include C compli-
ers, emulators and gang programmers.
Emulators
Two types of emulators are available from ST for
the ST72 family:
■ ST7 DVP3 entry-level emulator offers a flexible
and modular debugging and programming
solution. SDIP42 & SDIP32 probes/adapters
are included, other packages need a specific
connection kit (refer to Table 27)
■ ST7 EMU3 high-end emulator is delivered with
everything (probes, TEB, adapters etc.) needed
to start emulating the ST72. To configure it to
emulate other ST7 subfamily devices, the active
probe for the ST7EMU3 can be changed and
the ST7EMU3 probe is designed for easy
interchange of TEBs (Target Emulation Board).
See Table 27.
In-circuit Debugging Kit
Two configurations are available from ST:
■ STXF521-IND/USB:
Low-cost
In-Circuit
Debugging
kit
from
Softec
Microsystems.
Includes STX-InDART/USB board (USB port)
and a specific demo board for ST72521
(TQFP64)
■ STxF-INDART
Flash Programming tools
■ ST7-STICK ST7 In-circuit Communication Kit, a
complete
software/hardware
package
for
programming ST7 Flash devices. It connects to
a host PC parallel port and to the target board or
socket board via ST7 ICC connector.
■ ICC Socket Boards provide an easy to use and
flexible means of programming ST7 Flash
devices. They can be connected to any tool that
supports the ST7 ICC interface, such as ST7
EMU3, ST7-DVP3, inDART, ST7-STICK, or
many third-party development tools.
Evaluation board
■ ST7232x-EVAL evaluation board, with ICC
connector for programming capability. Provides
direct
connection
to
ST7-DVP3
emulator.
Supplied with daughter boards (core module)
for ST72F321, ST72F324 & ST72F521 (the
ST72F321 & ST72F324 chips are not included)
Table 27. STMicroelectronics Development Tools
Note 1: Add suffix /EU, /UK, /US for the power supply of your region.
Supported
Products
Emulation
Programming
ST7 DVP3 Series
ST7 EMU3 series
ICC Socket Board
Emulator
Connection kit
Emulator
Active Probe &
T.E.B.
ST72F324LK,
ST72324BLK,
ST7MDT20-DVP3
ST7MDT20-T32/
DVP
ST7MDT20J-
EMU3
ST7MDT20J-TEB
ST7SB20J/xx1
ST72F324LJ,
ST72324BLJ,
ST7MDT20-T44/
DVP
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com