Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 136Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 137Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 138Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 139Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 140Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 141Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 142Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 143Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 151 page
background image
ST72F324L, ST72324BL
140/151
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
OPTION BYTE 1
OPT7= PKG1 Pin package selection bit
This option bit selects the package.
Note: On the chip, each I/O port has 8 pads. Pads
that are not bonded to external pins are in input
pull-up configuration after reset. The configuration
of these pads must be kept at reset state to avoid
added current consumption.
OPT6 = RSTC RESET clock cycle selection
This option bit selects the number of CPU cycles
applied during the RESET phase and when exiting
HALT mode. For resonator oscillators, it is advised
to select 4096 due to the long crystal stabilization
time.
0: Reset phase with 4096 CPU cycles
1: Reset phase with 256 CPU cycles
OPT5:4 = OSCTYPE[1:0] Oscillator Type
These option bits select the ST7 main clock
source type.
CAUTION: In Flash devices, External Clock
Source is not supported if the PLL is enabled.
OPT3:1 = OSCRANGE[2:0] Oscillator range
When the resonator oscillator type is selected,
these option bits select the resonator oscillator
current source corresponding to the frequency
range of the used resonator. Otherwise, these bits
are used to select the normal operating frequency
range.
OPT0 = PLL OFF PLL activation
This option bit activates the PLL which allows mul-
tiplication by two of the main input clock frequency.
The PLL is guaranteed only with an input frequen-
cy between 2 and 4MHz.
0: PLL x2 enabled
1: PLL x2 disabled
Caution: the PLL can be enabled only if the “OSC
RANGE” (OPT3:1) bits are configured to “MP -
2~4MHz”. Otherwise, the device functionality is
not guaranteed.
Caution: The PLL must not be used with the inter-
nal RC oscillator.
Version
Selected Package
PKG1
JTQFP44
1
K
TQFP32 / SDIP32
0
Clock Source
OSCTYPE
10
Resonator Oscillator
0
0
Reserved
0
1
Internal RC Oscillator
1
0
External Source
1
1
Typ. Freq. Range
OSCRANGE
210
LP
1~2MHz
0
0
0
MP
2~4MHz
0
0
1
MS
4~8MHz
0
1
0
HS
8~16MHz
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com