Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 137Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 138Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 139Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 140Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 141Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 142Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 143Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 144Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 151 page
background image
ST72F324L, ST72324BL
141/151
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
ROM devices can be ordered in any combination
of memory size and temperature range with the
types given in Figure 87 and by completing the op-
tion list on the next page. Flash devices are avail-
able only in the types listed in Table 26.
ROM customer code is made up of the ROM con-
tents and the list of the selected options (if any).
The ROM contents are to be sent with the S19
hexadecimal file generated by the development
tool. All unused bytes must be set to FFh.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Caution: The Readout Protection binary value is
inverted between ROM and FLASH products. The
option byte checksum will differ between ROM and
FLASH.
Figure 87. ROM Factory Coded Device Types
DEVICE PACKAGE VERSION
XXX
/
Code name (defined by STMicroelectronics)
1= Standard 0 to +70 °C
5= Standard -10 to +85 °C
6= Standard -40 to +85 °C
A= Automotive -40 to +85 °C
T= Plastic Thin Quad Flat Pack
B= Plastic Dual in Line
ST72324BLJ4, ST72324BLJ2
ST72324BLK4, ST72324BLK2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com