Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 133Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 134Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 135Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 136Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 137Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 138Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 139Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 140Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 151 page
background image
ST72F324L, ST72324BL
137/151
PACKAGE MECHANICAL DATA (Cont’d)
Figure 84. 32-Pin Plastic Dual In-Line Package, Shrink 400-mil Width
13.2 THERMAL CHARACTERISTICS
Notes:
1. The power dissipation is obtained from the formula PD=PINT+PPORT where PINT is the chip internal power (IDDxVDD)
and PPORT is the port power dissipation determined by the user.
2. The average chip-junction temperature can be obtained from the formula TJ = TA + PD x RthJA.
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance (junction to ambient)
TQFP44 10x10
TQFP32 7x7
SDIP32 200mil
52
70
50
°C/W
PD
Power dissipation 1)
500
mW
TJmax
Maximum junction temperature 2)
150
°C
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.56
3.76
5.08 0.140 0.148 0.200
A1
0.51
0.020
A2
3.05
3.56
4.57 0.120 0.140 0.180
b
0.36
0.46
0.58 0.014 0.018 0.023
b1
0.76
1.02
1.40 0.030 0.040 0.055
C
0.20
0.25
0.36 0.008 0.010 0.014
D
27.43
28.45 1.080 1.100 1.120
E
9.91 10.41 11.05 0.390 0.410 0.435
E1
7.62
8.89
9.40 0.300 0.350 0.370
e
1.78
0.070
eA
10.16
0.400
eB
12.70
0.500
eC
1.40
0.055
L
2.54
3.05
3.81 0.100 0.120 0.150
Number of Pins
N
32
D
b2
b
e
A
A1
A2
L
E1
E
eC
C
eA
eB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com