Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 135Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 136Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 137Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 138Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 139Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 140Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 141Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 142Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 151 page
background image
ST72F324L, ST72324BL
139/151
14 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM). ST72324BL devices are
ROM versions. ST72P324L devices are Factory
Advanced Service Technique ROM (FASTROM)
versions: they are factory-programmed HDFlash
devices. FLASH devices are shipped to customers
with a default content (FFh), while ROM factory
coded parts contain the code supplied by the cus-
tomer. This implies that FLASH devices have to be
configured by the customer using the Option Bytes
while the ROM devices are factory-configured.
14.1 FLASH OPTION BYTES
The option bytes allows the hardware configura-
tion of the microcontroller to be selected. They
have no address in the memory map and can be
accessed only in programming mode (for example
using a standard ST7 programming tool). The de-
fault content of the FLASH is fixed to FFh. To pro-
gram directly the FLASH devices using ICP,
FLASH devices are shipped to customers with the
internal RC clock source. In masked ROM devic-
es, the option bytes are fixed in hardware by the
ROM code (see option list).
OPTION BYTE 0
OPT7= WDG HALT Watchdog reset on HALT
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6= WDG SW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5 = CSS Clock security system on/off
Reserved in current silicon revision, must be kept
at default value.
OPT4:3= VD[1:0] Voltage detection
Reserved, must be kept at default value.
OPT2:1 = Reserved, must be kept at default value.
OPT0= FMP_R Flash memory read-out protection
Read-out protection, when selected, provides a
protection against Program Memory content ex-
traction and against write access to Flash memo-
ry.
Erasing the option bytes when the FMP_R option
is selected causes the whole user memory to be
erased first, and the device can be reprogrammed.
Refer to Section 7.3.1 on page 37 and the ST7
Flash Programming Reference Manual for more
details.
0: Read-out protection enabled
1: Read-out protection disabled
STATIC OPTION BYTE 0
70
STATIC OPTION BYTE 1
70
WDG
VD
OSCTYPE
OSCRANGE
10
1
0
2
10
Default
1
11
11
1
1
1
1
1
1
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com