Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SHRA0-DP Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0238CSSC12SHRA0-DP
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SHRA0-DP Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0238CSSC12SHRA0-DP Datasheet HTML 5Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 6Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 7Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 8Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 9Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 10Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 11Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 12Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AR0238
www.onsemi.com
9
Table 4. 48−Lead PARALLEL mPLCC
Name
mPLCC Pin
Type
Description
DOUT6
1
Output
Data output 6
DOUT7
2
Output
Data output 7
DOUT8
3
Output
Data output 8
DOUT9
4
Output
Data output 9
DOUT10
5
Output
Data output 10
DOUT11
6
Power
Data output 11
DGND
7, 14, 24, 40
Power
Digital ground
VDD_PLL
8
Power
PLL power, 2.8 V nominal
EXTCLK
9
Input
External input clock
VAA
10, 16, 37
Power
Analog power, 2.8 V nominal
AGND
11, 17, 36, 39
Power
Analog Ground
VDD_IO
12, 19, 29, 42
Power
I/O supply power, 1.8/2.8 V nominal
VDD
13, 18, 30, 41
Power
Digital power, 1.8 V nominal
Reserved
15
−
Reserved, NC
FLASH
20
Power
Flash control output
PIXCLK
21
Output
Pixel Clock
FRAME_VALID
22
Output
Frame Valid
TEST
23
Input
Manufacturing test enable pin (connect to DGNG)
SDATA
25
I/O
Two−Wire Serial data I/O
LINE_VALID
26
Output
Line Valid
SADDR
27
Input
Two−Wire Serial address select. 0: 0x20, 1: 0x30
SCLK
28
Input
Two−Wire Serial clock input
RESET_BAR
31
Input
Asynchronous reset (active LOW). All settings are restored to factory default
OE_BAR
32
Input
Output enable (active LOW)
TRIGGER
33
Input
Exposure synchronization input
SHUTTER
34
Output
Control for external mechanical shutter. Can be left floating if not used.
ATEST
35
−
Reserved, NC
VAA_PIX
38
Power
Pixel power, 2.8 V nominal
DOUT0
43
Output
Data Output 0
DOUT1
44
Output
Data Output 1
DOUT2
45
Output
Data Output 2
DOUT3
46
Output
Data Output 3
DOUT4
47
Output
Data Output 4
DOUT5
48
Output
Data Output 5
NOTE: The 29 thermal connection pads should be all soldered to DGND plane for better thermal conductivity. Refer to PACKAGE
DIMENSIONS for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com