Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SHRA0-DP Datasheet(PDF) 22 Page - ON Semiconductor

Part # AR0238CSSC12SHRA0-DP
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SHRA0-DP Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AR0238CSSC12SHRA0-DP Datasheet HTML 18Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 19Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 20Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 21Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 22Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 23Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 24Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 25Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AR0238
www.onsemi.com
22
HiSPi ELECTRICAL SPECIFICATIONS
The ON Semiconductor AR0238 sensor supports both
SLVS and HiVCM HiSPi modes. Refer to the High
-Speed
Serial Pixel (HiSPi) Interface Physical Layer Specification
v2.
00.00 for electrical definitions, specifications, and
timing information
. The VDD_SLVS supply in this datasheet
corresponds to VDD_TX in the HiSPi Physical Layer
Specification. Similarly, VDD is equivalent to VDD_HiSPi
as referenced in the specification. The DLL as implemented
on AR0238 is limited in the number of available delay steps
and differs from the HiSPi specification as described in this
section.
Table 18. CHANNEL SKEW
Measurement Conditions: VDD_HiSPi = 1.8 V; VDD_HiSPi_TX = 0.4V; Data Rate = 480 Mbps;
DLL set to 0
Data Lane Skew in Reference to Clock
tCHSKEW1PHY
−150
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com