Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SHRA0-DP Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0238CSSC12SHRA0-DP
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SHRA0-DP Datasheet(HTML) 1 Page - ON Semiconductor

  AR0238CSSC12SHRA0-DP Datasheet HTML 1Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 2Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 3Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 4Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 5Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 6Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 7Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 8Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2017 − Rev. 5
1
Publication Order Number:
AR0238/D
AR0238
AR0238: 1/2.7-Inch
2.1 Mp/Full HD Digital
Image Sensor
General Description
ON Semiconductor’s AR0238 is a 1/2.7
-inch CMOS
digital image sensor with an active−pixel array of
1928Hx1088V. It captures images in either linear or high
dynamic range modes
, with a rolling−shutter readout. It
includes sophisticated camera functions such as in−pixel
binning
, windowing and both video and single frame modes.
It is designed for both low light and high dynamic range
scene performance
. It is programmable through a simple
two−wire serial interface. The AR0238 produces
extraordinarily clear, sharp digital pictures, and its ability to
capture both continuous video and single frames makes it the
perfect choice for a wide range of applications, including
surveillance and HD video.
Features
• Superior Low−light Performance
• Latest 3.0 mm Pixel with ON Semiconductor DR−Pix
Technology with Dual Conversion Gain
• Full HD Support at up to 1080P 60 fps for Superior
Video Performance
• Linear or High Dynamic Range Capture
• Supports Line Interleaved T1/T2 readout to Enable
HDR Processing in ISP Chip
• Support for External Mechanical Shutter
• On−chip Phase−locked Loop (PLL) Oscillator
• Integrated Position−based Color and Lens Shading
Correction
• Slave Mode for Precise Frame−rate Control
• Stereo/3D Camera Support
• Statistics Engine
• Data Interfaces: Four−lane Serial High−speed Pixel
Interface (HiSPi) Differential Signaling (SLVS and
HiVCM), or Parallel
• Auto Black Level Calibration
• High−speed Configurable Context Switching
• Temperature Sensor
Applications
• Video Recording and Streaming
• 1080p60 (monitoring) Video Applications
• High Dynamic Range Imaging
Table 1. KEY PARAMETERS
Parameter
Typical Value
Optical format
1/2.7−inch (6.6 mm)
Active pixels
1928(H) x 1088(V) (16:9 mode)
Pixel size
3.0 mm x 3.0 mm
Color filter array
RGB Bayer, RGB−IR
Shutter type
Electronic rolling shutter and GRR
Input clock range
6 – 48 MHz
Output clock maxi-
mum
148.5 Mp/s (4−lane HiSPi)
74.25 Mp/s (Parallel)
Output
Serial
HiSPi 10−, 12−, 14−, 16−, or 20−bit
Parallel
10−, 12−bit
Frame
rate
1080p
60 fps Linear HiSPi
30 fps Linear Parallel
30 fps Line Interleaved HiSPi
15 fps Line Interleaved Parallel
Responsivity
4.0 V/lux−sec
SNRMAX
41 dB
Max Dynamic range
Up to 96 dB
Supply
voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
HiSPi
0.3 V − 0.6 V (SLVS), 1.7 V − 1.9 V
(HiVcm)
Power consumption
(typical)
< 300mW Line interleaved 1080p30
<190mW 1080p30 Linear Mode
Operating temperature −30°C to + 85°C Junction
Package options
11.43x11.43 mm 48−pin mPLCC
Recon Die
www.onsemi.com


Similar Part No. - AR0238CSSC12SHRA0-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
181Kb / 24P
1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0230CSSC00SUEA0-DRBR ONSEMI-AR0230CSSC00SUEA0-DRBR Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0230CSSC00SUEA0-DRBR ONSEMI-AR0230CSSC00SUEA0-DRBR Datasheet
864Kb / 33P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
More results

Similar Description - AR0238CSSC12SHRA0-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
Full HD Digital Image Sensor
April, 2015 ??Rev. 2
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0331 ONSEMI-AR0331_17 Datasheet
496Kb / 52P
AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
March, 2017 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com