Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SHRA0-DP Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0238CSSC12SHRA0-DP
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SHRA0-DP Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0238CSSC12SHRA0-DP Datasheet HTML 12Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 13Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 14Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 15Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 16Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 17Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 18Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 19Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
AR0238
www.onsemi.com
16
Wavelength (nm)
350
450
550
650
750
850
950
1050
1150
0
10
20
30
40
50
60
70
Red
Green (R)
Green (B)
Blue
IR
Figure 11. Quantum Efficiency − RGB−IR
ELECTRICAL SPECIFICATIONS
Unless otherwise stated, the following specifications
apply under the following conditions: VDD = 1.8 V –
0.10/+0.15; VDD_IO = VDD_PLL = VAA = VAA_PIX =
2
.8 V ± 0.3 V; VDD_SLVS = 0.4 V – 0.1/+0.2; TA = −40°C
to +85
°C−; output load = 10 pF; frequency = 74.25 MHz;
HiSPi off.
TWO−WIRE SERIAL REGISTER INTERFACE
The electrical characteristics of the two−wire serial
register interface (SCLK
, SDATA) are shown in Figure 12 and
Table 6.
SDATA
SCLK
S
Sr
P
S
tf
tr
tf
tr
tSU;DAT
tHD;STA
tSU;STO
tSU;STA
tBUF
tHD;DAT
tHIGH
tLOW
tHD;STA
NOTE: Read sequence: For an 8−bit READ, read waveforms start after WRITE command and register address are
issued.
Figure 12. Two−Wire Serial Bus Timing Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com