Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0238CSSC12SHRA0-DP Datasheet(PDF) 19 Page - ON Semiconductor

Part # AR0238CSSC12SHRA0-DP
Description  2.1 Mp/Full HD Digital Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0238CSSC12SHRA0-DP Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AR0238CSSC12SHRA0-DP Datasheet HTML 15Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 16Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 17Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 18Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 19Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 20Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 21Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 22Page - ON Semiconductor AR0238CSSC12SHRA0-DP Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AR0238
www.onsemi.com
19
DC ELECTRICAL CHARACTERISTICS
The DC electrical characteristics are shown in the tables
below.
Table 8. DC ELECTRICAL CHARACTERISTICS
Symbol
Definition
Condition
Min
Typ
Max
Unit
VDD
Core digital voltage
1.7
1.8
1.95
V
VDD_IO
I/O digital voltage
1.7/2.5
1.8/2.8
1.9/3.1
V
VAA
Analog voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel supply voltage
2.5
2.8
3.1
V
VDD_PLL
PLL supply voltage
2.5
2.8
3.1
V
VDD_SLVS
HiSPi supply voltage
0.3
0.4
0.6
V
VIH
Input HIGH voltage
VDD_IO*0.7
–
–
V
VIL
Input LOW voltage
–
–
VDD_IO*0.3
V
IIN
Input leakage current
No pull−up resistor; VIN = VDD_IO or
DGND
20
–
–
mA
VOH
Output HIGH voltage
VDD_IO−0.3
–
–
V
VOL
Output LOW voltage
–
–
0.4
V
IOH
Output HIGH current
At specified VOH
−22
–
–
mA
IOL
Output LOW current
At specified VOL
–
–
22
mA
Table 9. ABSOLUTE MAXIMUM RATINGS
Symbol
Definition
Condition
Min
Max
Unit
VDD_MAX
Core digital voltage
–0.3
2.4
V
VDD_IO_MAX
I/O digital voltage
–0.3
4
V
VAA_MAX
Analog voltage
–0.3
4
V
VAA_PIX
Pixel supply voltage
–0.3
4
V
VDD_PLL
PLL supply voltage
–0.3
4
V
VDD_SLVS_MAX HiSPi I/O digital voltage
–0.3
2.4
V
tST
Storage temperature
–40
85
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com