Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNT21 Datasheet (PDF) - BeRex Corporation

BNT21 Datasheet PDF - BeRex Corporation
Part # BNT21
Download  BNT21 Download
File Size   1796.13 Kbytes
Page   40 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-6000 MHz BroadBand AMP

BNT21 Datasheet (PDF)

Go To PDF Page Download Datasheet
BNT21 Datasheet PDF - BeRex Corporation

Part # BNT21
Download  BNT21 Click to download

File Size   1796.13 Kbytes
Page   40 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-6000 MHz BroadBand AMP

BNT21 Datasheet (HTML) - BeRex Corporation


BNT21 Product details

Device Features
• Gain = 18.0 dB @ 3500MHz
• OIP3 = 37.0 dBm @ 3500MHz
• Output P1 dB = 19.0 dBm @ 3500 MHz
• N.F = 1.5dB @ 3500MHz
• Internally matched to 50 ohms
• Fast shut down to support TDD systems
• Green/RoHS2 Compliant DFN 8L 2x2 Package

Product Description
The BNT21 is a BroadBand, GaAs E-pHEMT Amplifier that is ideal for applications demanding high linearity & Low Noise Figure in a wideband of 40-6000 MHz. The BNT21 is internally matched to 50 Ohms. It is available in RoHS2-compliant DFN 8L 2x2 mm2 Surface mount package. It can be used in fast shutdown switching speed for TD-LTE & TD-5G NR application. These devices are 100% DC and RF tested to assure quality and performance.




Similar Part No. - BNT21

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
BNT21S CIT-BNT21S Datasheet
315Kb / 5P
CIT SWITCH
BNT21T CIT-BNT21T Datasheet
315Kb / 5P
CIT SWITCH
BNT21U CIT-BNT21U Datasheet
315Kb / 5P
CIT SWITCH
BNT21V CIT-BNT21V Datasheet
315Kb / 5P
CIT SWITCH
BNT21X CIT-BNT21X Datasheet
315Kb / 5P
CIT SWITCH
More results


Similar Description - BNT21

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
Micronetics, Inc.
NMA2514-1T MICRONETICS-NMA2514-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
NMA2514-2T MICRONETICS-NMA2514-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com