Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNT21 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BNT21
Description  50-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT21 Datasheet(HTML) 2 Page - BeRex Corporation

  BNT21 Datasheet HTML 1Page - BeRex Corporation BNT21 Datasheet HTML 2Page - BeRex Corporation BNT21 Datasheet HTML 3Page - BeRex Corporation BNT21 Datasheet HTML 4Page - BeRex Corporation BNT21 Datasheet HTML 5Page - BeRex Corporation BNT21 Datasheet HTML 6Page - BeRex Corporation BNT21 Datasheet HTML 7Page - BeRex Corporation BNT21 Datasheet HTML 8Page - BeRex Corporation BNT21 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
50-6000 MHz BroadBand AMP
BNT21
2
Rev. 1.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
Parameter
Condition
Min.
Typical
Max.
Unit
Shutdown Control
On state
0
0.67
V
Off state(shutdown)
1.17
VDD
V
Current, IDD
On state 5V
66
83
100
mA
On state 3.3V
39
48
57
mA
Off state(shutdown)
7
mA
Shutdown pin current, ISD
1.17V ≤ VSD < VDD
150
uA
Rise time(10% to 90%)
220
ns
Switchcing Time
Fall time(90% to 10%)
200
ns
Recommended Operating Conditions
2
Parameter
Frequency
Unit
70
900
1800
2140
2650
3500
4650
5800
MHz
Gain
21.7
20.8
19.4
19.2
18.5
18.0
17.7
18.5
dB
S11
-13.5
-14.0
-10.6
-10.7
-10.7
-22.0
-12.6
-15.3
dB
S22
-21.1
-17.6
-13.0
-16.3
-12.3
-12.0
-13.6
-5.5
dB
OIP3
37.3
36.9
37.5
37.3
37.0
37.0
38.0
35.0
dBm
P1dB
21.2
21.8
22.1
21.2
20.9
19.0
18.2
18.1
dBm
LTE 20M ACLR
*
12.5
12.6
12.3
12.0
11.4
8.7
8.9
7.0
dBm
5G NR ACLR
*
-
-
-
-
-
8.7
8.8
7.1
dBm
Noise Figure
0.9
1
1.1
1.1
1.2
1.5
1.8
2.1
dB
Typical RF Performance (Vd=5V, Id=83mA, T=25°C)
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
*ACLR Channel Power measured at -50dBc.
- 5G NR Downlink FR1 : SCS 30KHz, CBW 100MHz, 256QAM, PAR 9.66 at 0.01% Prob.
* NF : Losses on input and output transmission lines on PCB are not de-embedded.
Absolute Maximum Ratings
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+170
°C
Supply Voltage
+7
V
Supply Current
190
mA
Input RF Power
20
dBm
Parameter
Frequency
Unit
70
900
1800
2140
2650
3500
4650
5800
MHz
Gain
21.1
20.3
18.8
18.6
17.7
17.2
16.9
17.9
dB
S11
-13.1
-13.2
-9.7
-9.9
-9.5
-17.9
-10.8
-11.9
dB
S22
-18.3
-17.6
-13.3
-15.8
-11.1
-10.6
-11.0
-5.0
dB
OIP3
32.7
32.7
33.4
33.1
31.9
32.0
29.7
27.9
dBm
P1dB
17.8
18.1
17.9
17.7
17.4
15.2
14.7
14.9
dBm
LTE 20M ACLR
*
8.3
8.7
8.4
8.2
7.6
5.7
5.1
3.6
dBm
5G NR ACLR
*
-
-
-
-
-
5.7
5.0
4.0
dBm
Noise Figure
0.8
0.9
1.1
1.1
1.2
1.5
2.0
2.0
dB
Typical RF Performance (Vd=3.3V, Id=48mA, T=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com