Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNT21 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BNT21
Description  50-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT21 Datasheet(HTML) 1 Page - BeRex Corporation

  BNT21 Datasheet HTML 1Page - BeRex Corporation BNT21 Datasheet HTML 2Page - BeRex Corporation BNT21 Datasheet HTML 3Page - BeRex Corporation BNT21 Datasheet HTML 4Page - BeRex Corporation BNT21 Datasheet HTML 5Page - BeRex Corporation BNT21 Datasheet HTML 6Page - BeRex Corporation BNT21 Datasheet HTML 7Page - BeRex Corporation BNT21 Datasheet HTML 8Page - BeRex Corporation BNT21 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
50-6000 MHz BroadBand AMP
BNT21
1
Rev. 1.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
• Gain = 18.0 dB @ 3500MHz
• OIP3 = 37.0 dBm @ 3500MHz
• Output P1 dB = 19.0 dBm @ 3500 MHz
• N.F = 1.5dB @ 3500MHz
• Internally matched to 50 ohms
• Fast shut down to support TDD systems
• Green/RoHS2 Compliant DFN 8L 2x2 Package
The BNT21 is a BroadBand, GaAs E-pHEMT Ampli-
fier that is ideal for applications demanding high
linearity & Low Noise Figure in a wideband of 40-
6000 MHz. The BNT21 is internally matched to 50
Ohms. It is available in RoHS2-compliant DFN 8L
2x2 mm
2 Surface mount package. It can be used in
fast shutdown switching speed for TD-LTE & TD-5G
NR application. These devices are 100% DC and RF
tested to assure quality and performance.
Product Description
Device Features
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA /5G NR
• General Purpose Wireless
• IF amplifier, RF driver amplifier
Applications
Applications Circuit
BOM
70M
900M
1.8G
3.5G
4.65G
5.8G
C1
1.2nF
1.2nF
1.2nF
1.2nF
1.2nF
1.2nF
C2
10uF
10uF
10uF
10uF
10uF
10uF
C3
10nF
200pF
200pF
1.5pF
2pF
1pF
C4
10nF
200pF
20pF
200pF
1.5pF
2pF
C5
N/A
N/A
N/A
N/A
N/A
0.3pF
C6
N/A
N/A
N/A
N/A
0.3pF
0.5pF
L1
820nH
33nH
5.6nH
1.8nH
1.2nH
18nH
Electrical Specifications
Recommended Operating Conditions
1
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
50
6000
MHz
Test Frequency
3500
MHz
Gain
16.5
18.0
dB
Input Return Loss
-22.0
dB
Output Return Loss
-12.0
dB
Output IP3
5 dBm / tone ,
Δf=1 MHz
34.0
37.0
dBm
Output P1dB
18.0
19.0
dBm
5G NR ACLR
*
7.7
8.7
dBm
Noise Figure
1.5
1.7
dB
* N.F : Losses on input and output transmission lines on PCB are not de-embedded.
*ACLR Channel Power measured at -50dBc.
- 5G NR Downlink FR1 : SCS 30KHz, CBW 100MHz, 256QAM, PAR 9.66 at 0.01% Prob.
Part Marking (XX:Wafer number)
Parameter
Min
Typ
Max
Unit
Bandwidth
50
6000
MHz
Id @ (Vd = 5.0V)
68
85
102
mA
Id @ (Vd = 3.3V)
39
48
57
mA
Vd
3.3
5
5.25
V
dG/dT
0.006
dB/°C
RTH
49.4
°C/W
Operating Case Temperature
-40
+105
°C
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
50
6000
MHz
Test Frequency
3500
MHz
Gain
16.5
17.2
dB
Input Return Loss
-17.9
dB
Output Return Loss
-10.6
dB
Output IP3
5 dBm / tone ,
Δf=1 MHz
29
32
dBm
Output P1dB
14.2
15.2
dBm
5G NR ACLR
*
4.7
5.7
dBm
Noise Figure
1.5
1.7
dB
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=3.3V, 50 Ω system.
RF In
RF Out
Vd
L2
BLB03
1
2
3
4
8
7
6
5
Vsd
C1
C2
C4
C3
R1
C6
C5


Similar Part No. - BNT21

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
BNT21S CIT-BNT21S Datasheet
315Kb / 5P
CIT SWITCH
BNT21T CIT-BNT21T Datasheet
315Kb / 5P
CIT SWITCH
BNT21U CIT-BNT21U Datasheet
315Kb / 5P
CIT SWITCH
BNT21V CIT-BNT21V Datasheet
315Kb / 5P
CIT SWITCH
BNT21X CIT-BNT21X Datasheet
315Kb / 5P
CIT SWITCH
More results

Similar Description - BNT21

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
Micronetics, Inc.
NMA2514-1T MICRONETICS-NMA2514-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
NMA2514-2T MICRONETICS-NMA2514-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com