Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNT21 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BNT21
Description  50-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT21 Datasheet(HTML) 4 Page - BeRex Corporation

  BNT21 Datasheet HTML 1Page - BeRex Corporation BNT21 Datasheet HTML 2Page - BeRex Corporation BNT21 Datasheet HTML 3Page - BeRex Corporation BNT21 Datasheet HTML 4Page - BeRex Corporation BNT21 Datasheet HTML 5Page - BeRex Corporation BNT21 Datasheet HTML 6Page - BeRex Corporation BNT21 Datasheet HTML 7Page - BeRex Corporation BNT21 Datasheet HTML 8Page - BeRex Corporation BNT21 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
50-6000 MHz BroadBand AMP
BNT21
4
Rev. 1.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
S-Parameter
(Vdevice = 5.0V, Id = 83mA, T = 25 °C, calibrated to device leads)
Typical Device Data
S-parameters (Vd=5V, Id=83mA, T=25°C)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.15
-41.87
11.88
171.45
0.06
4.24
0.10
-41.59
500
0.14
-46.57
11.57
156.70
0.06
-7.48
0.10
-10.31
1000
0.20
-63.87
10.92
135.21
0.06
-17.54
0.17
-20.53
2000
0.34
-86.09
9.20
94.96
0.05
-35.62
0.37
-54.86
3000
0.39
-109.17
7.62
61.12
0.04
-51.56
0.53
-85.24
4000
0.37
-136.21
6.97
27.21
0.03
-70.35
0.63
-108.64
5000
0.42
-163.04
7.01
-16.11
0.02
-110.74
0.79
-133.28
6000
0.58
169.35
5.13
-66.78
0.01
104.14
0.97
-169.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com