Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNT21 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BNT21
Description  50-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT21 Datasheet(HTML) 5 Page - BeRex Corporation

  BNT21 Datasheet HTML 1Page - BeRex Corporation BNT21 Datasheet HTML 2Page - BeRex Corporation BNT21 Datasheet HTML 3Page - BeRex Corporation BNT21 Datasheet HTML 4Page - BeRex Corporation BNT21 Datasheet HTML 5Page - BeRex Corporation BNT21 Datasheet HTML 6Page - BeRex Corporation BNT21 Datasheet HTML 7Page - BeRex Corporation BNT21 Datasheet HTML 8Page - BeRex Corporation BNT21 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
50-6000 MHz BroadBand AMP
BNT21
5
Rev. 1.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
S-Parameter
(Vdevice = 3.3V, Id = 48mA, T = 25 °C, calibrated to device leads)
Typical Device Data
S-parameters (Vd=3.3V, Id=48mA, T=25°C)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.18
-35.30
11.31
171.45
0.07
4.15
0.12
-32.49
500
0.18
-43.45
11.00
155.81
0.06
-8.40
0.13
-13.70
1000
0.24
-63.99
10.30
133.64
0.06
-18.11
0.20
-24.72
2000
0.37
-89.90
8.56
92.64
0.05
-35.68
0.40
-58.25
3000
0.42
-113.79
7.04
58.31
0.04
-50.96
0.55
-88.19
4000
0.41
-141.09
6.40
23.57
0.03
-73.79
0.66
-111.49
5000
0.46
-169.01
6.31
-21.17
0.02
-105.64
0.80
-137.26
6000
0.60
164.02
4.47
-71.83
0.01
78.97
0.97
-172.81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com