Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNT21 Datasheet(PDF) 14 Page - BeRex Corporation

Part # BNT21
Description  50-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT21 Datasheet(HTML) 14 Page - BeRex Corporation

Back Button BNT21 Datasheet HTML 10Page - BeRex Corporation BNT21 Datasheet HTML 11Page - BeRex Corporation BNT21 Datasheet HTML 12Page - BeRex Corporation BNT21 Datasheet HTML 13Page - BeRex Corporation BNT21 Datasheet HTML 14Page - BeRex Corporation BNT21 Datasheet HTML 15Page - BeRex Corporation BNT21 Datasheet HTML 16Page - BeRex Corporation BNT21 Datasheet HTML 17Page - BeRex Corporation BNT21 Datasheet HTML 18Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
50-6000 MHz BroadBand AMP
BNT21
14
Rev. 1.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
Vds = 5V, Ids = 83mA
Application Circuit: 1800 MHz
Typical Performance
Schematic Diagram
BOM
Size
C1
1.2nF
1608(0603)
C2
10uF
1608(0603)
C3
200pF
1608(0603)
C4
20pF
1608(0603)
L1
5.6nH
1608(0603)
R1
20kohm
1608(0603)
RF In
RF Out
Vd
L2
BLB03
1
2
3
4
8
7
6
5
Vsd
C1
C2
C4
C3
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com