Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNT21 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BNT21
Description  50-6000 MHz BroadBand AMP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT21 Datasheet(HTML) 3 Page - BeRex Corporation

  BNT21 Datasheet HTML 1Page - BeRex Corporation BNT21 Datasheet HTML 2Page - BeRex Corporation BNT21 Datasheet HTML 3Page - BeRex Corporation BNT21 Datasheet HTML 4Page - BeRex Corporation BNT21 Datasheet HTML 5Page - BeRex Corporation BNT21 Datasheet HTML 6Page - BeRex Corporation BNT21 Datasheet HTML 7Page - BeRex Corporation BNT21 Datasheet HTML 8Page - BeRex Corporation BNT21 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
50-6000 MHz BroadBand AMP
BNT21
3
Rev. 1.6
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
*
Dielectric constant _ 3.38 *RF pattern width 0.85T *16mil thick RO4003PCB
Evaluation Board
Pin Configuration
V-I Characteristics
Pin No.
Name
Description
2
RFinput
RFinput pin.
6
Vsd(shut down)
Power on/off control pin. 1.17V≤Vsd disables device.
If function is not desired, may be connected to ground.
7
RFoutput
RFoutput / Vdd pin. Supply Vd through choke/Inductor for the device.
1,3,4,5,8
NC
No internal connection to die. May be connected to ground.
9
Backside Paddle
Exposed Pad is RF/DC ground, must be soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com