Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet (PDF) - Microchip Technology

MCPF1412M06 Datasheet PDF - Microchip Technology
Part # MCPF1412M06
Download  MCPF1412M06 Download
File Size   2404.78 Kbytes
Page   63 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16V, 12A Switching Buck Regulator Module

MCPF1412M06 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCPF1412M06 Datasheet PDF - Microchip Technology

Part # MCPF1412M06
Download  MCPF1412M06 Click to download

File Size   2404.78 Kbytes
Page   63 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16V, 12A Switching Buck Regulator Module

MCPF1412M06 Datasheet (HTML) - Microchip Technology


MCPF1412M06 Product details

Description
The MCPF1412M06 is an easy-to-use, fully integrated and highly efficient Point-Of-Load (POL) 12A voltage
regulator module. The on-chip Pulse-Width Modulation (PWM) controller and integrated MOSFETs, plus
incorporated inductor and capacitors, result in an extremely compact and accurate regulator. The low-profile
package is suitable for automated assembly using standard surface-mount equipment. This unique and
optimized solution has yielded the highest density, full-featured 12A POL currently available.
The user can program aspects of the MCPF1412M06’s operation using I2C and PMBus™ protocols. The built-in
protection features include soft start protection, overvoltage protection, thermally compensated overcurrent
protection with hiccup mode, and thermal shutdown with auto-recovery.

Features
• POL Module with Output Inductor Included
• Small Size: 5.8 mm x 4.9 mm x 1.6 mm
• Continuous 12A Load Capability
• Wide Input Voltage Range: 4.5-16V
• Adjustable Output Voltage: 0.6-1.8V
• No External Compensation Required
• Programmable Operation Using I2C and PMBus™
• Enable Input, Programmable Undervoltage Lock-Out (UVLO) Circuit
• Power-Good Indicator
• Built-in Protection Features
• Operating Temperature from -40°C to +125°C
• Lead-Free and Halogen-Free
• Compliant with EU REACH and RoHS

Applications
• Servers, Workstations and Cloud Computing
• Routers, Switches and Telecom Equipment
• Base Stations, Data Center Power Solutions
• High Power Density POL Conversion




Similar Part No. - MCPF1412M06

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCPF12N65 MCC-MCPF12N65 Datasheet
644Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Microchip Technology
MCPF1525M06 MICROCHIP-MCPF1525M06 Datasheet
3Mb / 85P
16V, 25A Stackable Switching Buck Regulator Module
January 2026
More results


Similar Description - MCPF1412M06

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4423 SANYO-2SC4423 Datasheet
96Kb / 4P
400V/12A Switching Regulator Applications
logo
Semtech Corporation
SC4524B SEMTECH-SC4524B Datasheet
770Kb / 18P
16V 2A Step-Down Switching Regulator
logo
International Rectifier
IR3840MPBF IRF-IR3840MPBF Datasheet
924Kb / 32P
HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WMPBF IRF-IR3840WMPBF_12 Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
12V, 12A High-Efficiency Buck Regulator
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
12V, 12A High-Efficiency Buck Regulator
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
logo
International Rectifier
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WM IRF-IR3840WM_15 Datasheet
776Kb / 34P
HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com