Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 4Page - Microchip Technology MCPF1412M06 Datasheet HTML 5Page - Microchip Technology MCPF1412M06 Datasheet HTML 6Page - Microchip Technology MCPF1412M06 Datasheet HTML 7Page - Microchip Technology MCPF1412M06 Datasheet HTML 8Page - Microchip Technology MCPF1412M06 Datasheet HTML 9Page - Microchip Technology MCPF1412M06 Datasheet HTML 10Page - Microchip Technology MCPF1412M06 Datasheet HTML 11Page - Microchip Technology MCPF1412M06 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
MCPF1412M06
Functional Description
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 8
Figure 2-3. Soft Start Operation
EN
Initialization complete
PG
Internal
Soft start
VOUT
0.9*VOUT
SS time
Overcurrent Protection (OCP) and Overvoltage Protection (OVP) are active during soft start to
safeguard the MCPF1412M06 from short circuits and excessive voltages.
A resistor divider can be utilized with a standard MCPF1412M06 device to set the desired output
voltage (Figure 2-4). This provides system designers with the flexibility to configure all power rails in
the system across the entire output voltage range (0.6–1.8V) using a single component.
Figure 2-4. Resistor Divider to Set Output Voltage
RBOTTOM
MCPF1412
PVIN
FB
VOUT
RTOP
PVCC
VCC
PVIN
VIN
The following equation describes the appropriate resistor divider selection to set the output voltage
using an MCPF1412M06 programmed to 0.6V:
RBOTTOM=
RTOP
1.7975×VOUT−1.0639−0.00894×RTOP
Where:
RTOP and RBOTTOM are in kΩ.
It is recommended that system designers place a capacitor (CFF in Figure 5-1) of 47 pF to 470 pF in
parallel with RTOP. 4.12 kΩ is suggested as a value for RTOP. The recommended value for RBOTTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com