Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 10Page - Microchip Technology MCPF1412M06 Datasheet HTML 11Page - Microchip Technology MCPF1412M06 Datasheet HTML 12Page - Microchip Technology MCPF1412M06 Datasheet HTML 13Page - Microchip Technology MCPF1412M06 Datasheet HTML 14Page - Microchip Technology MCPF1412M06 Datasheet HTML 15Page - Microchip Technology MCPF1412M06 Datasheet HTML 16Page - Microchip Technology MCPF1412M06 Datasheet HTML 17Page - Microchip Technology MCPF1412M06 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
MCPF1412M06
Functional Description
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 14
• Both EN and VCC exceed their thresholds
• No faults are present (including overcurrent, overvoltage, and overtemperature)
• VOUT is within the target range (monitored continuously to ensure FB is above the PG threshold)
With the PGControl bit set to '0' the operation is as shown in Figure 2-9.
Figure 2-9. PG Operation With PGControl Bit Set to '0'
85% VOUT
90% VOUT
90% VOUT
VOUT
PG
Int SS
98% of target VOUT
During normal operation, the PG signal functions identically to when the PGControl bit is set to '1'.
However, at start-up, the PG signal is asserted once FB is within 2% of the target output voltage,
rather than when FB surpasses the upper PG threshold. The MCPF1412M06 also includes an
additional PMOS in parallel with the NMOS, internally connected to the PG pin (see Block Diagram).
This PMOS ensures that the PG signal remains at a logic low level, even if VCC is low and the PG pin
is pulled up to an external voltage other than VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com