Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 48Page - Microchip Technology MCPF1412M06 Datasheet HTML 49Page - Microchip Technology MCPF1412M06 Datasheet HTML 50Page - Microchip Technology MCPF1412M06 Datasheet HTML 51Page - Microchip Technology MCPF1412M06 Datasheet HTML 52Page - Microchip Technology MCPF1412M06 Datasheet HTML 53Page - Microchip Technology MCPF1412M06 Datasheet HTML 54Page - Microchip Technology MCPF1412M06 Datasheet HTML 55Page - Microchip Technology MCPF1412M06 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
MCPF1412M06
List of Registers
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 52
1: Disable PLL, Mode A (default)
Bit [3]:
0: Power Good based on POWER_GOOD_ON command value
1: Power Good based on DAC (Default)
Bit [2]:
0: 1.8V to 2.5V
1: 3.3V to 5V
All other bits are reserved.
OTP_ON (0x89)
COMMAND
OTP_ON
Bit
7
6
5
4
3
2
1
0
Access
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
Reserved
Default #
1
1
1
1
1
1
0
0
This register sets the bus voltage for the I2C bus.
Bit [1]:
0: Do not initiate write of user memory
1: Initiate write of user memory
Bit [0] is reserved.
All other bits are unused.
CLEAR_STATUS (0x8C)
COMMAND
OTP_ON
Bit
7
6
5
4
3
2
1
0
Access
Reserved
Unused
Unused
Unused
Unused
Reserved
Reserved
R/W
Default #
1
1
1
1
1
1
0
0
This register sets the bus voltage for the I2C bus.
Bit [0]:
0: Do not clear status flags
1: Clear status flags
Bits [7] and [2] are reserved.
All other bits are unused.
USER_OTP_POINTER (0x92)
COMMAND
USER_OTP_POINTER
Bit
7
6
5
4
3
2
1
0
Access
R
R
R
R
Unused
Unused
Unused
Unused
Default #
0
0
1
0
This register shows the number of remaining write allowed to the user NVM area.
Bits [7:4]:
0001: 9 writes remaining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com