Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 17Page - Microchip Technology MCPF1412M06 Datasheet HTML 18Page - Microchip Technology MCPF1412M06 Datasheet HTML 19Page - Microchip Technology MCPF1412M06 Datasheet HTML 20Page - Microchip Technology MCPF1412M06 Datasheet HTML 21Page - Microchip Technology MCPF1412M06 Datasheet HTML 22Page - Microchip Technology MCPF1412M06 Datasheet HTML 23Page - Microchip Technology MCPF1412M06 Datasheet HTML 24Page - Microchip Technology MCPF1412M06 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
MCPF1412M06
Typical Performance Curves
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 21
Figure 4-10. Typical Efficiency (PVIN = 12V, VOUT = 1.0V)
60%
65%
70%
75%
80%
85%
90%
0
2
4
6
8
10
12
Load Current (A)
Figure 4-11. Typical Power Loss (PVIN = 12V, VOUT = 1.0V)
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
Load Current (A)
Figure 4-12. Typical Load Regulation (PVIN = 12V, VOUT = 1.0V,
IOUT = 0-12A, Room Temeperature, No Air Flow, All Loses
Included)
-0.8%
-0.7%
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0
2
4
6
8
10
12
Load Current (A)
Figure 4-13. Typical Efficiency (PVIN = 12V, VOUT = 1.8V,
External VCC Source Applied)
60%
65%
70%
75%
80%
85%
90%
95%
0
2
4
6
8
10
12
Load Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com