Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 5 Page - Microchip Technology

  MCPF1412M06 Datasheet HTML 1Page - Microchip Technology MCPF1412M06 Datasheet HTML 2Page - Microchip Technology MCPF1412M06 Datasheet HTML 3Page - Microchip Technology MCPF1412M06 Datasheet HTML 4Page - Microchip Technology MCPF1412M06 Datasheet HTML 5Page - Microchip Technology MCPF1412M06 Datasheet HTML 6Page - Microchip Technology MCPF1412M06 Datasheet HTML 7Page - Microchip Technology MCPF1412M06 Datasheet HTML 8Page - Microchip Technology MCPF1412M06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
MCPF1412M06
Functional Description
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 5
2.
Functional Description
2.1.
Overview
The MCPF1412M06 is a user-friendly, fully integrated, and highly efficient DC/DC regulator. Its
operation, including output voltage and system optimization parameters, can be programmed via
the I2C/PMBus™ protocol. It employs a proprietary modulator to ensure rapid transient response.
The modulator features internal compensation, making it suitable for a wide range of applications
with various types of output capacitors, without encountering loop stability issues.
The MCPF1412M06 is a versatile device that offers significant flexibility for configuration and
system monitoring through the I2C/PMBus™ interface. Additionally, it supports standalone operation
without a digital interface, allowing designers to easily configure output voltages using simple
resistor divider adjustments and monitor the system via the Power Good output.
2.2.
Operation and Topology
The MCPF1412M06 employs an interleaved buck converter design, which minimizes voltage stress
on internal power components, leading to a more compact size but with switching losses similar to
those of a conventional interleaved buck converter with the same rating. Additionally, it features an
inherent current-sharing mechanism between the two phases.
2.3.
Bias Voltage
The MCPF1412M06 features an integrated Low Drop-Out (LDO) regulator that supplies the DC bias
voltage for its internal circuitry, typically outputting 5.2V. For single-rail operation with internal bias,
connect the VIN pin to the PVIN pin (see Figure 2-1). When using an external bias voltage, connect
the VIN pin to the VCC pin to bypass the internal LDO regulator (see Figure 2-2). A separate pin
(PVCC) is provided for driver bias and should be connected to VCC in the application circuit. The
supply voltage, whether internal or external, increases with VIN and does not require enabling via
the EN pin. Therefore, I2C/PMBus™ communication can commence once the following conditions are
met:
• The VCC_UVLO start threshold is surpassed
• Memory contents are loaded
• Initialization is complete
• The address offset is read
Attention: During initialization, a small leakage current (approximately 3.4 μA)
may flow from the device to the output, potentially pre-biasing the output voltage
in applications with prolonged VIN/VCC rise times. To mitigate this, connect a
small load capable of sinking 3.4 μA in such applications.
The I2C bus can be pulled up to either VCC or a system I2C bus voltage. The MCPF1412M06 allows
for two I2C bus voltage ranges, selectable via the user register bit Bus_voltage_sel, as shown below:
Register
Bits
Name/ Description
0x7A
[2]
Bus_voltage_sel
0: 1.8-2.5V, 1: 3.3-5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com