Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 5Page - Microchip Technology MCPF1412M06 Datasheet HTML 6Page - Microchip Technology MCPF1412M06 Datasheet HTML 7Page - Microchip Technology MCPF1412M06 Datasheet HTML 8Page - Microchip Technology MCPF1412M06 Datasheet HTML 9Page - Microchip Technology MCPF1412M06 Datasheet HTML 10Page - Microchip Technology MCPF1412M06 Datasheet HTML 11Page - Microchip Technology MCPF1412M06 Datasheet HTML 12Page - Microchip Technology MCPF1412M06 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
MCPF1412M06
Functional Description
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 9
depends on the output voltage, as shown in the table below. Designers should validate these values
in their specific applications.
VOUT (V)
RBOTTOM (kΩ)
0.72
21
0.85
9.76
0.9
8.06
0.95
6.81
1
5.9
1.05
5.23
1.1
4.75
1.2
3.92
1.5
2.55
1.8
1.91
Alternatively, the output voltage can be set using I2C/PMBus™ commands (see PMBus Commands)
or the corresponding user registers, instead of an external resistor divider. The table below lists
VOUT_COMMAND codes to set the specified voltages. The MCPF1412M06 supports this command
with a resolution of 1/256V.
VOUT (V)
VOUT_COMMAND
  VOUT (V)
VOUT_COMMAND
0.65
00A7
 
1.20
0134
0.70
00B4
1.25
0140
0.72
00B9
1.30
014E
0.75
00C0
1.35
015A
0.78
00C8
1.40
0167
0.80
00CD
1.45
0174
0.85
00DA
1.50
0180
0.88
00E2
1.55
018D
0.90
00E7
1.60
019A
0.95
00F4
1.65
01A7
1.00
0100
1.70
01B4
1.05
010D
1.75
01C0
1.10
011A
1.80
01CD
1.15
0127
2.6.
Shutdown Mechanisms
The MCPF1412M06 features two shutdown mechanisms:
1. Hard Shutdown or Load-Dependent Decay:
A valid hard-disable is detected based on the Enable pin, Operation register, ON_OFF_CONFIG
register, input voltage PVIN, and PVIN UVLO threshold corresponding to the VIN_ON registers.
Both drivers are immediately turned OFF, and the soft start is pulled down instantly.
2. Soft-Stop or Controlled Ramp Down:
A valid soft-OFF request is detected based on the Enable pin, Operation register, and
ON_OFF_CONFIG register. After a delay defined by the TOFF_DELAY registers, the SS signal
gradually decreases to 0 over a period specified by the TOFF_FALL registers. The drivers are
disabled only when the SS signal reaches 0, causing the output voltage to follow the SS signal
down to 0.
By default, the device is set for hard shutdown. Shutdown using PVIN is always a hard shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com