Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 55Page - Microchip Technology MCPF1412M06 Datasheet HTML 56Page - Microchip Technology MCPF1412M06 Datasheet HTML 57Page - Microchip Technology MCPF1412M06 Datasheet HTML 58Page - Microchip Technology MCPF1412M06 Datasheet HTML 59Page - Microchip Technology MCPF1412M06 Datasheet HTML 60Page - Microchip Technology MCPF1412M06 Datasheet HTML 61Page - Microchip Technology MCPF1412M06 Datasheet HTML 62Page - Microchip Technology MCPF1412M06 Datasheet HTML 63Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
MCPF1412M06
Package Information
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 60
RECOMMENDED LAND PATTERN
Land Pattern
Dimension Limits
Units
C2
Contact Pad Spacing
Contact Pitch
MILLIMETERS
0.725 BSC
MIN
E
MAX
4.35
Contact Pad Length (X14)
Contact Pad Width (X14)
Y1
X1
0.85
0.50
NOM
SILK SCREEN
1
9
C1
Contact Pad Spacing
5.
10
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, pleease refer to current industry standard IPC-7093.
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2025 Microchip Technology Inc.
R
22-Lead Land Grid Array 5.8x4.9x1.7
1mm (8FW) [LGA] - System in Package [SIP]
Microchip Technology Drawing C04-02660 Rev B
8
19
20
22
21
2
15
X1
Y1
2.35x1.65
1.15x1.10
2.35x1.10
1.15x2.50
3.75x0.95
E
C1
C2
1.300
1.300
2.550
2.550
2.225
1.275
0.775
2.050
1.15x0.60
0.95x0.60
0.700
0.700
0.850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com