Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 2 Page - Microchip Technology

  MCPF1412M06 Datasheet HTML 1Page - Microchip Technology MCPF1412M06 Datasheet HTML 2Page - Microchip Technology MCPF1412M06 Datasheet HTML 3Page - Microchip Technology MCPF1412M06 Datasheet HTML 4Page - Microchip Technology MCPF1412M06 Datasheet HTML 5Page - Microchip Technology MCPF1412M06 Datasheet HTML 6Page - Microchip Technology MCPF1412M06 Datasheet HTML 7Page - Microchip Technology MCPF1412M06 Datasheet HTML 8Page - Microchip Technology MCPF1412M06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
MCPF1412M06
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 2
Typical Application
PVIN
VIN
VIN
SDA
SCL
ADDR
SYNC
EN
VOUT
FB
PGND
AGND
VOUT
VCC
PVCC
SALERT
PG
Block Diagram
Internal
Reference DAC
Pulse
Generator
Soft
Start
Thermal
Shutdown
Control and
Fault Logic
Gate Drive
Logic and
Deadtime
Control
LDO
Regulator
VIN
VCC
PVIN
VOUT
PGND
PWM
I2C &
Memory
Address
Detector
HDrv1
HDrv2
LDrv2
fault
fault
VCC
FB
SALERT
SYNC
ADDR
EN
PG
AGND
Driver and
Power Stage
PVCC
CB
LDrv1
HDrv2
HDrv1
SW1
SW2
SDA
SCL
PLL
VCC
SW1
SW2
fault
PVIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com