Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 9Page - Microchip Technology MCPF1412M06 Datasheet HTML 10Page - Microchip Technology MCPF1412M06 Datasheet HTML 11Page - Microchip Technology MCPF1412M06 Datasheet HTML 12Page - Microchip Technology MCPF1412M06 Datasheet HTML 13Page - Microchip Technology MCPF1412M06 Datasheet HTML 14Page - Microchip Technology MCPF1412M06 Datasheet HTML 15Page - Microchip Technology MCPF1412M06 Datasheet HTML 16Page - Microchip Technology MCPF1412M06 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
MCPF1412M06
Functional Description
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 13
The MCPF1412M06 issues warnings for output overvoltage and undervoltage, and provides
protection against output undervoltage faults. These functions are controlled by three commands
(or their corresponding user registers):
• VOUT_OV_WARN_LIMIT
• VOUT_UV_WARN_LIMIT
• VOUT_UV_FAULT_LIMIT
The threshold mechanism for these warnings differs from the overvoltage protection mechanism:
the warnings use a digital comparison of the digitized and processed VOUT telemetry against the
thresholds, while the overvoltage protection uses an all-analog signal path and an internal high-
speed comparator.
2.12. Overtemperature Protection (OTP)
The MCPF1412M06 includes an internal temperature sensing feature. The Overtemperature
Protection (OTP) threshold is determined by a fixed internal threshold, set at 145°C. This threshold is
monitored by an internal analog comparison. If the temperature exceeds this limit, the device halts
switching and turns OFF all MOSFETs until the temperature falls below the threshold, at which point
it automatically restarts.
2.13. Power Good (PG)
Power Good (PG) behavior is defined through the PGControl register bits and the
POWER_GOOD_ON command. When the PGControl bit is enabled, the PMBus™ command can
set the upper Power Good threshold relative to the output voltage with a resolution of 1/256V.
Internally, these values are rounded to one of four settings, as illustrated in the table below.
POWER_GOOD_ON
(% of VOUT_COMMAND)
Actual Threshold
(% of VOUT_COMMAND)
Above 96.1 or below 79.6
80
Above 79.6 to 85.1
85
Above 85.1 to 89.8
90 (default)
Above 89.8 to 96.1
95
The default setting is 90%, meaning the PG signal will be activated when the voltage at the FB pin
surpasses 90% of the VOUT_COMMAND setting (default 0.6V). A 5% hysteresis is applied, creating a
lower threshold. If the voltage at the FB pin falls below this lower threshold, the PG signal will be
deactivated.
Figure 2-8 illustrates the case where the PGControl bit is set to 1.
Figure 2-8. PG Operation With PGControl Bit Set to 1
85% VOUT
90% VOUT
90% VOUT
VOUT
PG
The behavior remains consistent during start-up and normal operation. The PG signal is asserted
when:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com