Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 7Page - Microchip Technology MCPF1412M06 Datasheet HTML 8Page - Microchip Technology MCPF1412M06 Datasheet HTML 9Page - Microchip Technology MCPF1412M06 Datasheet HTML 10Page - Microchip Technology MCPF1412M06 Datasheet HTML 11Page - Microchip Technology MCPF1412M06 Datasheet HTML 12Page - Microchip Technology MCPF1412M06 Datasheet HTML 13Page - Microchip Technology MCPF1412M06 Datasheet HTML 14Page - Microchip Technology MCPF1412M06 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
MCPF1412M06
Functional Description
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 11
2.9.
Enable Pin (EN)
The Enable (EN) pin serves multiple purposes:
• By default, according to the ON_OFF_CONFIG command, it controls the power state of the
MCPF1412M06. It features a precise threshold monitored by the UVLO circuit. If left unconnected,
an internal 1 MΩ resistor pulls it down to prevent accidental activation of the MCPF1412M06.
• It can be utilized to establish a precise input voltage UVLO. The EN pin's input is derived from the
PVIN voltage through a set of resistive dividers (Figure 2-1). Users can adjust the UVLO threshold
voltage by selecting different resistor ratios, allowing for finer control over the PVIN UVLO voltage
levels than the VIN_ON/VIN_OFF commands provide.
• It can also be used to monitor other power rails for specific power sequencing schemes (Figure
2-5).
Figure 2-5. EN Pin Used to Monitor a Second Rail for Startup
MCPF1412
RAIL #2
EN
PVIN
VIN
PVCC
VCC
PVIN
2.10. Overcurrent Protection (OCP)
Overcurrent Protection (OCP) is achieved by monitoring the voltage across the channel RDS(ON) of
the Synchronous MOSFET. When this surpasses the OCP threshold, a fault condition is triggered.
This approach offers several advantages:
• Ensures precise overcurrent protection without compromising converter efficiency (the current
sensing is lossless)
• Lowers costs by eliminating the need for a current-sense resistor
• Minimizes layout-related noise issues
The OCP threshold is set by the IOUT_OC_FAULT_LIMIT command (or corresponding user registers)
and can be programmed in 0.5A increments, up to a maximum of 16A. The recommended minimum
overcurrent threshold is 10A. The OCP threshold is internally compensated to remain nearly
constant across different ambient temperatures.
When the current exceeds the OCP threshold, the PG and SS signals are pulled low. The
Synchronous MOSFET stays ON until the current drops to 0, after which the MCPF1412M06 enters
hiccup. Both the Control MOSFET and the Synchronous MOSFET remain OFF during the hiccup-
blanking period. After this period, the MCPF1412M06 attempts to restart. If an overcurrent fault
is still present, the previous actions are repeated. The MCPF1412M06 stays in hiccup mode until
the overcurrent fault is resolved. The MCPF1412M06 can also be reprogrammed to enter a latched
shutdown mode upon detecting an overcurrent fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com