Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 27Page - Microchip Technology MCPF1412M06 Datasheet HTML 28Page - Microchip Technology MCPF1412M06 Datasheet HTML 29Page - Microchip Technology MCPF1412M06 Datasheet HTML 30Page - Microchip Technology MCPF1412M06 Datasheet HTML 31Page - Microchip Technology MCPF1412M06 Datasheet HTML 32Page - Microchip Technology MCPF1412M06 Datasheet HTML 33Page - Microchip Technology MCPF1412M06 Datasheet HTML 34Page - Microchip Technology MCPF1412M06 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
MCPF1412M06
PMBus Commands
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 31
• 1 : Disable all writes except the WRITE_PROTECT command (bit 5 and bit 6 must be 0)
Bit [6]: Control writing to the PMBus device for protection against accidental changes
• 0 : Enable all writes as permitted in bit 5 or bit 7
• 1 : Disable all writes except for the WRITE_PROTECT, and OPERATION commands (bit 5 and bit 7
must be 0)
Bit [5]: Control writing to the PMBus device for protection against accidental changes
• 0 : Enable all writes as permitted in bit 6 or bit 7
• 1 : Disable all writes except the WRITE_PROTECT, OPERATION, ON_OFF_CONFIG, and
VOUT_COMMAND. (bit 6 and bit 7 must be 0)
Bit [4:0]: Reserved
STORE_USER_ALL (0x15)
The STORE_USER_ALL command stores all of the current storable register settings in the EEPROM
memory as the new defaults on power up. It is permissible to use this command while the device is
switching. To use this command:
1. Set all settings to the desired power up configuration.
2. Pull EN low to disable switching.
3. Apply 7.5 ± 0.25V to the VIN pin
4. Execute the command.
5. Execute a RESTORE_USRE_ALL command..
6. Compare the settings in the part values with the expected settings. If they differ, repeat this
procedure. If the settings differ a second time, discard the part.
RESTORE_USER_ALL (0x16)
The RESTORE_USER_ALL command restores all of the storable register settings from EEPROM
memory to those registers which are unprotected. This command should not be used while the
part is converting power.
CAPABILITY (0x19)
COMMAND
CAPABILITY
Bit
7
6
5
4
3
2
1
0
Access
R
Default #
0
0
1
1
0
0
0
0
Bit [7]: Packet Error Checking
• 0 : Packet Error Checking not supported
Bit [6:5]: Maximum Bus Speed
• 01 : Maximum supported bus speed is 400 kHz
Bit [4]: SMBALERT#
• 1 : Enable the SMBus Alert Response protocol
Bit [3]: Numeric Format
• 0 : Numeric data is in LINEAR11, ULINEAR16, SLINEAR16
Bit [2]: AVSBus Support
• 0 : AVSBus not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com