Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 35Page - Microchip Technology MCPF1412M06 Datasheet HTML 36Page - Microchip Technology MCPF1412M06 Datasheet HTML 37Page - Microchip Technology MCPF1412M06 Datasheet HTML 38Page - Microchip Technology MCPF1412M06 Datasheet HTML 39Page - Microchip Technology MCPF1412M06 Datasheet HTML 40Page - Microchip Technology MCPF1412M06 Datasheet HTML 41Page - Microchip Technology MCPF1412M06 Datasheet HTML 42Page - Microchip Technology MCPF1412M06 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
MCPF1412M06
PMBus Commands
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 39
STATUS_BYTE (0x78)
The STATUS_BYTE command returns one byte of information with a summary of the most critical
faults.
COMMAND
STATUS_BYTE (LOW BYTE of STATUS_WORD)
Bit
7
6
5
4
3
2
1
0
Access
R
Default #
0
0
0
0
0
0
0
0
Bit [7]: A fault was declared because the device was busy and unable to respond
Bit [6]: This bit is asserted if the unit is not providing power to the output, regardless of the reason,
including simply not being enabled
Bit [5]: An output overvoltage fault has occurred
Bit [4]: An output overcurrent fault has occurred
Bit [3]: An input undervoltage fault has occurred
Bit [2]: A temperature fault or warning has occurred
Bit [1]: A communications, memory or logic fault has occurred
Bit [0]: A fault or warning not listed in bits [7:1] has occurred
STATUS_WORD (0x79)
The STATUS_WORD command returns two bytes of information with a summary of the unit’s fault
condition. Based on the information in these bytes, the host can get more information by reading
the appropriate status registers. The low byte of the STATUS_WORD is the same register as the
STATUS_BYTE command.
COMMAND
STATUS_WORD (HIGH BYTE of STATUS_WORD)
Bit
15
14
13
12
11
10
9
8
Access
R
Default #
0
0
0
0
0
0
0
0
Bit [7]: An output voltage fault or warning has occurred
Bit [6]: An output current fault or warning has occurred.
Bit [5]: An input voltage fault or warning has occurred
Bit [4]: A manufacturer specific fault or warning has occurred
Bit [3]: The POWER_GOOD signal, if present, is negated
Bit [2]: A fan or airflow fault or warning has occurred (not used)
Bit [1]: A bit in STATUS_OTHER is set
Bit [0]: A fault type not given in bits [15:1] of the STATUS_WORD has been detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com